Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9122 Datasheet HTML 5Page - Analog Devices AD9122 Datasheet HTML 6Page - Analog Devices AD9122 Datasheet HTML 7Page - Analog Devices AD9122 Datasheet HTML 8Page - Analog Devices AD9122 Datasheet HTML 9Page - Analog Devices AD9122 Datasheet HTML 10Page - Analog Devices AD9122 Datasheet HTML 11Page - Analog Devices AD9122 Datasheet HTML 12Page - Analog Devices AD9122 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
AD9122
Rev. 0 | Page 9 of 56
Pin No.
Mnemonic
Description
27
DCIP
Data Clock Input, Positive.
28
DCIN
Data Clock Input, Negative.
29
DVDD18
1.8 V Digital Supply.
30
DVSS
Digital Common.
31
D7P
Data Bit 7, Positive.
32
D7N
Data Bit 7, Negative.
33
D6P
Data Bit 6, Positive.
34
D6N
Data Bit 6, Negative.
35
D5P
Data Bit 5, Positive.
36
D5N
Data Bit 5, Negative.
37
D4P
Data Bit 4, Positive.
38
D4N
Data Bit 4, Negative.
39
D3P
Data Bit 3, Positive.
40
D3N
Data Bit 3, Negative.
41
D2P
Data Bit 2, Positive.
42
D2N
Data Bit 2, Negative.
43
DVDD18
1.8 V Digital Supply.
44
DVSS
Digital Common.
45
D1P
Data Bit 1, Positive.
46
D1N
Data Bit 1, Negative.
47
D0P
Data Bit 0, Positive.
48
D0N
Data Bit 0, Negative.
49
DVDD18
1.8 V Digital Supply.
50
SDO
Serial Port Data Output (CMOS Levels with Respect to IOVDD).
51
SDIO
Serial Port Data Input/Output (CMOS Levels with Respect to IOVDD).
52
SCLK
Serial Port Clock Input (CMOS Levels With Respect to IOVDD).
53
CS
Serial Port Chip Select. Active Low (CMOS Levels With Respect to IOVDD).
54
RESET
Reset. Active Low (CMOS Levels With Respect to IOVDD).
55
NC
No connection to device.
56
AVSS
Analog Supply Common.
57
AVDD33
3.3 V Analog Supply.
58
IOUT2P
Q DAC Positive Current Output.
59
IOUT2N
Q DAC Negative Current Output.
60
AVDD33
3.3 V Analog Supply.
61
AVSS
Analog Supply Common.
62
REFIO
Voltage Reference. Nominally 1.2 V output. Should be decoupled to analog common.
63
FSADJ
Full-Scale Current Output Adjust. Place a 10 kΩ resistor on the analog common.
64
AVSS
Analog Common.
65
AVDD33
3.3 V Analog Supply.
66
IOUT1N
I DAC Positive Current Output.
67
IOUT1P
I DAC Negative Current Output.
68
AVDD33
3.3 V Analog Supply.
69
REFCLKN
PLL Reference Clock Input, Negative. This pin has secondary function as SYNC input.
70
REFCLKP
PLL Reference Clock Input, Positive. This pin has secondary function as SYNC input.
71
CVDD18
1.8 V Clock Supply. Supplies clock receivers, clock distribution, and PLL circuitry.
72
CVDD18
1.8 V Clock Supply. Supplies clock receivers, clock distribution, and PLL circuitry.
EPAD
Exposed pad must be connected to AVSS. This provides an electrical, thermal, and mechanical connection
to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com