Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9122 Datasheet HTML 20Page - Analog Devices AD9122 Datasheet HTML 21Page - Analog Devices AD9122 Datasheet HTML 22Page - Analog Devices AD9122 Datasheet HTML 23Page - Analog Devices AD9122 Datasheet HTML 24Page - Analog Devices AD9122 Datasheet HTML 25Page - Analog Devices AD9122 Datasheet HTML 26Page - Analog Devices AD9122 Datasheet HTML 27Page - Analog Devices AD9122 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
AD9122
Rev. 0 | Page 24 of 56
Reg
Name
Addr
(Hex)
Bit
Name
Description
Default
PLL
Control
0C
7:6
PLL Loop
Bandwidth[1:0]
Selects the PLL loop filter bandwidth.
3
00 = narrowest bandwidth.
01 = narrow/medium bandwidth.
10 = medium/wide bandwidth.
11 = widest bandwidth.
4:0
PLL Charge Pump
Current[4:0]
Sets the nominal PLL charge pump current.
001
00000 = lowest current setting.
11111 = highest current setting.
PLL
Control
0D
7:6
N2[1:0]
PLL control clock divider. It determines the ratio of the
DACCLK rate to the PLL controller clock rate.
3
00 = fDACCLK/fPC_CLK = 2.
01 = fDACCLK/fPC_CLK = 4.
10 = fDACCLK/fPC_CLK = 8.
11 = fDACCLK/fPC_CLK = 16.
fPC_CLK must always be less than 50 MHz.
4
PLL cross control enable
Enable PLL cross point controller.
0
3:2
N0[1:0]
PLL VCO divider. It determines the ratio of the VCO
output to the DACCLK frequencies.
01
00 = fVCO/fDACCLK = 1.
01 = fVCO/fDACCLK = 2.
10 = fVCO/fDACCLK = 4.
11 = fVCO/fDACCLK = 4.
1:0
N1[1:0]
PLL Loop divider. It determines the ratio of the DACCLK to
the REFCLK frequencies.
01
00 = fDACCLK/fREFCLK = 2.
01 = fDACCLK/fREFCLK = 4.
10 = fDACCLK/fREFCLK = 8.
11 = fDACCLK/fREFCLK = 16.
PLL
Status
0E
7
PLL lock
The PLL generated clock is tracking the REFCLK input signal.
R
3:0
VCO Control
Voltage[3:0]
VCO Control Voltage readback. See Table 24.
R
PLL
Status
0F
5:0
VCO Band
Readback[5:0]
Indicates the VCO band currently selected.
R
Sync
Control
10
7
Sync enable
1 = enables the synchronization logic.
0
6
Data/FIFO rate toggle
0 = operates the synchronization at the FIFO reset rate.
0
1 = operates the synchronization at the data rate.
3
Rising edge sync
0 = sync is initiated on the falling edge of the sync input.
1
1 = sync is initiated on the rising edge of the sync input.
2:0
Sync Averaging[2:0]
Sets the number of input samples that are averaged in
determining the sync phase.
0
000 = 1.
001 = 2.
010 = 4.
011 = 8.
100 = 16.
101 = 32.
110 = 64.
111 = 128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com