Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9122 Datasheet HTML 27Page - Analog Devices AD9122 Datasheet HTML 28Page - Analog Devices AD9122 Datasheet HTML 29Page - Analog Devices AD9122 Datasheet HTML 30Page - Analog Devices AD9122 Datasheet HTML 31Page - Analog Devices AD9122 Datasheet HTML 32Page - Analog Devices AD9122 Datasheet HTML 33Page - Analog Devices AD9122 Datasheet HTML 34Page - Analog Devices AD9122 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
AD9122
Rev. 0 | Page 31 of 56
LVDS INPUT DATA PORTS
The AD9122 has one LVDS data port that receives data for both
the I and Q transmit paths. The device can accept data in word,
byte, and nibble formats. In word, byte, and nibble modes, the data
is sent over 16-bit, 8-bit, and 4-bit LVDS data busses, respectively.
The pin assignment of the bus in each mode is shown in Table 12.
Table 12. Data Bit Pair Assignments for Data Input Modes
Mode
MSB, …, LSB
Word
D15, D14, …, D0
Byte1
D14, D12, D10, D8, D7, D5, D3, D1
Nibble1
D10, D8, D7, D5
1 In byte and nibble modes, the unused pins can be left floating.
The data is accompanied by a reference bit (DCI) that is used to
generate a double data rate (DDR) clock. In byte and nibble modes,
a FRAME signal is required for controlling to which DAC the
data is sent. All of the interface signals are time aligned. While
there is a maximum skew requirement on the bus, there are no
setup and hold times to be met.
WORD INTERFACE MODE
In word mode, the DCI signal is a reference bit used for
generating the data sampling clock. Time align the DCI
signal with the data. The I DAC data should correspond
with DCI being high and the Q DAC data with DCI being
low, as illustrated in Figure 41.
DCI
Q0
I1
Q1
I2
Q2
I3
Q3
DATA[15:0]
Figure 41. Timing Diagram for Word Mode
BYTE INTERFACE MODE
In byte mode, the DCI signal is a reference bit used for generating
the data sampling clock and should be time aligned with the
data. The most significant byte of the data should correspond
with DCI being high, and the least significant byte of the data
should correspond with DCI being low. The FRAME signal
indicates to which DAC the data is sent. When FRAME is high,
data is sent to the I DAC, and when FRAME is low, data is sent
DCI
diagram is shown in Figure 42.
e
cture. The complete timing
ure 43.
s
hich significantly increases the
e
d
ate, that is, the DACCLK rate divided by the
interpolation ratio.
to the Q DAC. The complete timing
NIBBLE INTERFACE MODE
In nibble mode, the DCI signal is a reference bit used for
generating the data sampling clock and should be time aligned
with the data. The FRAME signal indicates to which DAC the
data is sent. When FRAME is high, data is sent to the I DAC.
When FRAME is low, data is sent to the Q DAC. All four nibbles
must be written to the device for proper operation. For 12-bit
resolution devices, the data in the fourth nibble acts as a plac
holder for the data framing stru
diagram is shown in Fig
FIFO OPERATION
The AD9122 contains a 2-channel, 16-bit wide, eight-word deep
FIFO designed to relax the timing relationship between the data
arriving at the DAC input ports and the internal DAC data rate
clock. The FIFO acts as a buffer that absorbs timing variation
between the data source and DAC, such as the clock-to-data
variation of an FPGA or ASIC, w
timing budget of the interface.
Figure 44 shows the block diagram of the datapath through th
FIFO. The data is latched into the device, is formatted, and is
then written into the FIFO register determined by the FIFO write
pointer. The value of the write pointer is incremented every time a
new word is loaded into the FIFO. Meanwhile, data is read from
the FIFO register determined by the read pointer and fed into
the digital datapath. The value of the read pointer is update
every time data is read into the datapath from the FIFO. This
happens at the data r
DATA[15:0]
FRAME
QLSB
I1MSB
I1LSB
Q1MSB
Q1LSB
I2MSB
I2LSB
Q2MSB
Q2LSB
Figure 42. Timing Diagram for Byte Mode
DCI
DATA[15:0]
FRAME
Q0N0
I1N3
I1N2
I1N1
I1N0
Q1N3
Q1N2
Q1N1
Q1N0
Q2N3
Figure 43. Timing Diagram for Nibble Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com