Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9122 Datasheet HTML 48Page - Analog Devices AD9122 Datasheet HTML 49Page - Analog Devices AD9122 Datasheet HTML 50Page - Analog Devices AD9122 Datasheet HTML 51Page - Analog Devices AD9122 Datasheet HTML 52Page - Analog Devices AD9122 Datasheet HTML 53Page - Analog Devices AD9122 Datasheet HTML 54Page - Analog Devices AD9122 Datasheet HTML 55Page - Analog Devices AD9122 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
AD9122
Rev. 0 | Page 52 of 56
This completes the synchronization procedure, and at this stage,
all devices should be synchronized.
To ensure that each of the DACs are updated with the correct
data on the same CLK edge, two timing relationships must be
met on each DAC. DCIP/DCIN and D[15:0]P/D[15:0]N must
meet the setup-and-hold times with respect to the rising edge of
DACCLK, and REFCLK must also meet the setup-and-hold time
with respect to the rising edge of DACCLK. When resetting the
FIFO, the FRAME signal must be held high the time required to
input two complete data input words. When these conditions are
met, the outputs of the DACs are updated within tSKEW + tOUTDLY
nanoseconds of each other. A timing diagram that illustrates the
timing requirements of the input signals is shown in Figure 82.
DACCLKP(1)/
DACCLKN(1)
DACCLKP(2)/
DACCLKN(2)
REFCLKP(2)/
REFCLKN(2)
DCIP(2)/
DCIN(2)
FRAMEP(2)/
FRAMEN(3)
tSKEW
tSU_SYNC
tSU_DCI tH_DCI
tH_SYNC
Figure 82. Data Rate Synchronization Signal Timing Requirements,
2x Interpolation
Figure 82 shows the synchronization signal timing with 2×
interpolation; therefore, fDCI = ½ × fCLK. The REFCLK input is
shown to be equal to the data rate. The maximum frequency at
which the device can be resynchronized in data rate mode can
be expressed as
fSYNC_I = fDATA/2N
where N is any nonnegative integer.
Generally, for values of N equal to or greater than 3, select the
FIFO rate synchronization mode.
FIFO RATE MODE SYNCHRONIZATION
The Procedure for FIFO Rate Synchronization when Directly
Sourcing the DAC Sampling Clock section outlines the steps
required to synchronize multiple devices in FIFO rate mode.
The procedure assumes that the REFCLK and DACCLK signals
are applied to all of the devices. The procedure must be carried
out on each individual device.
Procedure for FIFO Rate Synchronization when Directly
Sourcing the DAC Sampling Clock
Configure for FIFO rate, periodic synchronization by writing
0x80 to the sync control register (Register 0x10). Additional
synchronization options are available and are described in the
Additional Synchronization Features section.
Poll the sync locked bit (Register 0x12, Bit[6]) to verify that the
device is back-end synchronized. A high level on this bit indicates
that the clocks are running with a constant and known phase
relative to the sync signal.
Reset the FIFO by strobing the FRAME signal high for the time
required to input to complete input words. Resetting the FIFO
ensures that the correct data is being read from the FIFO of
each of the devices simultaneously.
This completes the synchronization procedure, and at this stage,
all devices should be synchronized.
To ensure that each of the DACs are updated with the correct
data on the same CLK edge, two timing relationships must be
met on each DAC. DCIP/DCIN and D[15:0]P/D[15:0]N must
meet the setup-and-hold times with respect to the rising edge of
DACCLK, and REFCLK must also meet the setup-and-hold
time with respect to the rising edge of DACCLK. When resetting
the FIFO, the FRAME signal must be held high for at least three
data periods (that is, 1.5 cycles of DCI). When these conditions
are met, the outputs of the DACs are updated within tSKEW + tOUTDLY
nanoseconds of each other. A timing diagram that illustrates the
timing requirements of the input signals is shown in Figure 83.
DACCLKP(1)/
DACCLKN(1)
DACCLKP(2)/
DACCLKN(2)
REFCLKP(2)/
REFCLKN(2)
DCIP(2)/
DCIN(2)
FRAMEP(2)/
FRAMEN(2)
tSKEW
tSU_SYNC tH_SYNC
Figure 83. FIFO Rate Synchronization Signal Timing Requirements,
2× Interpolation
Figure 83 shows the synchronization signal timing with 2×
interpolation; therefore, fDCI = ½ × fCLK. The REFCLK input is
shown to be equal to the FIFO rate. More generally, the maximum
frequency at which the device can be resynchronized in FIFO
rate mode can be expressed as
fSYNC_I = (fDATA/8 × 2N)
where N is any nonnegative integer.
ADDITIONAL SYNCHRONIZATION FEATURES
The synchronization logic incorporates additional features that
provide means for querying the status of the synchronization,
improving the robustness of the synchronization, and a one shot
synchronization mode. These features are detailed in the Sync
Status Bits and Timing Optimization sections that follow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com