Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9122 Datasheet HTML 25Page - Analog Devices AD9122 Datasheet HTML 26Page - Analog Devices AD9122 Datasheet HTML 27Page - Analog Devices AD9122 Datasheet HTML 28Page - Analog Devices AD9122 Datasheet HTML 29Page - Analog Devices AD9122 Datasheet HTML 30Page - Analog Devices AD9122 Datasheet HTML 31Page - Analog Devices AD9122 Datasheet HTML 32Page - Analog Devices AD9122 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AD9122
Rev. 0 | Page 29 of 56
Reg
Name
Addr
(Hex)
Bit
Name
Description
Default
Aux DAC
Q Data
46
7:0
Q Aux DAC[7:0]
Q Aux DAC[9:0] sets the magnitude of the aux DAC current.
The range is 0 mA to 2 mA and the step size is 2 μA.
0
0x000 = 0.000 mA.
0x001 = 0.002 mA.
…
0x3FF = 2.046 mA.
Q Aux
DAC
Control
47
7
Q aux DAC sign
0 = the auxiliary DAC Q sign is positive, and the current is
directed to the IOUT2P pin (Pin 58).
0
1 = the auxiliary DAC Q sign is negative, and the current is
directed to the IOUT2N pin (Pin 59).
6
Q aux DAC current
direction
0 = the auxiliary DAC Q sources current.
0
1 = the auxiliary DAC Q sinks current.
5
Q aux DAC sleep
Q-channel auxiliary DAC sleep
0
1:0
Q Aux DAC[9:8]
See Register 0x46.
0
Die Temp
0x48
6:4
FS Current[2:0]
Auxiliary ADC full-scale current.
0
Range
000 = lowest current.
Control
…
111 = highest current.
3:1
Reference Current[2:0]
Auxiliary ADC reference current.
1
000 = lowest current.
111 = highest current.
0
Capacitor value
Auxiliary ADC internal capacitor value.
0
0 = 5 pF.
1 = 10 pF.
Die
Temp
LSB
49
7:0
Die Temp[7:0]
See Register 0x4A.
R
Die
4A
7:0
Die Temp[15:8]
Die Temp[15:0] indicates the approximate die
temperature.
R
Temp
0xADCC = −39.9°C
MSB
0xC422 = 25.1°C
…
0xD8A8 = 84.8°C (see Temperature Sensor section for details)
SED
Control
67
7
SED compare enable
1 = enables the SED circuitry. None of the flags in this
register or the values in Register 0x70 through
Register 0x73 are significant if the SED is not enabled.
0
5
Sample error detected
1 = indicates an error is detected. The bit remains set until
cleared. Any write to this register clears this bit to 0.
0
3
Autoclear enable
1 = enables autoclear mode. This activates Bit 1 and Bit 0
of this register and causes Register 0x70 through
Register 0x73 to be autocleared whenever eight
consecutive sample data sets are received error free.
0
1
Compare fail
1 = indicates an error has been detected. This bit remains
high until it is autocleared by the reception of eight
consecutive error free comparisons or is cleared by
writing to this register.
0
0
Compare pass
1 = indicates that the last sample comparison was error free.
0
Compare
I0 LSBs
68
7:0
Compare Value I0[7:0]
Compare Value I0[15:0] is the word that is compared
with the I0 input sample captured at the input interface.
B6
Compare
I0 MSBs
69
7:0
Compare Value I0[15:8]
See Register 0x68.
7A
Compare
Q0 LSBs
6A
7:0
Compare Value Q0[7:0]
Compare Value Q0[15:0] is the word that is compared
with the Q0 input sample captured at the input interface.
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com