Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9122 Datasheet HTML 12Page - Analog Devices AD9122 Datasheet HTML 13Page - Analog Devices AD9122 Datasheet HTML 14Page - Analog Devices AD9122 Datasheet HTML 15Page - Analog Devices AD9122 Datasheet HTML 16Page - Analog Devices AD9122 Datasheet HTML 17Page - Analog Devices AD9122 Datasheet HTML 18Page - Analog Devices AD9122 Datasheet HTML 19Page - Analog Devices AD9122 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
AD9122
Rev. 0 | Page 16 of 56
TERMINOLOGY
Integral Nonlinearity (INL)
INL is defined as the maximum deviation of the actual analog
output from the ideal output, determined by a straight line drawn
from zero scale to full scale.
Differential Nonlinearity (DNL)
DNL is the measure of the variation in analog value, normalized
to full scale, associated with a 1 LSB change in digital input code.
Offset Error
The deviation of the output current from the ideal of zero is
called offset error. For IOUT1P, 0 mA output is expected when
the inputs are all 0s. For IOUT1N, 0 mA output is expected
when all inputs are set to 1.
Gain Error
The difference between the actual and ideal output span. The
actual span is determined by the difference between the output
when all inputs are set to 1 and the output when all inputs are
set to 0.
Output Compliance Range
The range of allowable voltage at the output of a current output
DAC. Operation beyond the maximum compliance limits can
cause either output stage saturation or breakdown, resulting in
nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change from
the ambient (25°C) value to the value at either TMIN or TMAX.
For offset and gain drift, the drift is reported in ppm of full-
scale range (FSR) per degree Celsius. For reference drift, the
drift is reported in ppm per degree Celsius.
Power Supply Rejection (PSR)
The maximum change in the full-scale output as the supplies
are varied from minimum to maximum specified voltages.
Settling Time
The time required for the output to reach and remain within a
specified error band around its final value, measured from
the start of the output transition.
Spurious Free Dynamic Range (SFDR)
The difference, in decibels, between the peak amplitude of the
output signal and the peak spurious signal within the dc to the
Nyquist frequency of the DAC. Typically, energy in this band is
rejected by the interpolation filters. This specification, therefore,
defines how well the interpolation filters work and the effect of
other parasitic coupling paths to the DAC output.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the Nyquist
frequency, excluding the first six harmonics and dc. The value
for SNR is expressed in decibels.
Interpolation Filter
If the digital inputs to the DAC are sampled at a multiple rate of
fDATA (interpolation rate), a digital filter can be constructed that
has a sharp transition band near fDATA/2. Images that typically
appear around fDAC (output data rate) can be greatly suppressed.
Adjacent Channel Leakage Ratio (ACLR)
The ratio in decibels relative to the carrier (dBc) between the
measured power within a channel relative to its adjacent channel.
Complex Image Rejection
In a traditional two-part upconversion, two images are created
around the second IF frequency. These images have the effect
of wasting transmitter power and system bandwidth. By placing
the real part of a second complex modulator in series with the
first complex modulator, either the upper or lower frequency
image near the second IF can be rejected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com