Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9122 Datasheet HTML 9Page - Analog Devices AD9122 Datasheet HTML 10Page - Analog Devices AD9122 Datasheet HTML 11Page - Analog Devices AD9122 Datasheet HTML 12Page - Analog Devices AD9122 Datasheet HTML 13Page - Analog Devices AD9122 Datasheet HTML 14Page - Analog Devices AD9122 Datasheet HTML 15Page - Analog Devices AD9122 Datasheet HTML 16Page - Analog Devices AD9122 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
AD9122
Rev. 0 | Page 13 of 56
–152
–156
–154
–158
–160
–162
–164
–166
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
2×,
fDATA = 200MSPS
1×,
fDATA = 200MSPS
4×,
fDATA = 200MSPS
8×,
fDATA = 100MSPS
Figure 22. 1-Tone NSD vs. fOUT over Interpolation Rate, Digital Scale = 0 dBFS,
fSC = 20 mA, PLL Off
–154
–158
–156
–160
–162
–164
–166
–168
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
–6dBFS
0dBFS
–12dBFS
–18dBFS
Figure 23. 1-Tone NSD vs. fOUT over Digital Scale, fDATA = 200 MSPS,
4× Interpolation, fSC = 20 mA, PLL Off
–158
–159
–160
–161
–162
–163
–164
–165
–166
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
2×,
fDATA = 200MSPS
4×,
fDATA = 200MSPS
8×,
fDATA = 100MSPS
Figure 24. 1-Tone NSD vs. fOUT over Interpolation Rate, Digital Scale = 0 dBFS,
fSC = 20 mA, PLL On
–161.0
–165.5
–165.0
–164.5
–164.0
–163.5
–163.0
–162.5
–162.0
–161.5
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
2×,
fDATA = 200MSPS
1×,
fDATA = 200MSPS
4×,
fDATA = 200MSPS
8×,
fDATA = 100MSPS
Figure 25. 8-Tone NSD vs. fOUT over Interpolation Rate, Digital Scale = 0 dBFS,
fSC = 20 mA, PLL Off
–161.0
–166.5
–165.5
–166.0
–165.0
–164.5
–164.0
–163.5
–163.0
–162.5
–162.0
–161.5
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
–6dBFS
0dBFS
–12dBFS
–18dBFS
Figure 26. 8-Tone NSD vs. fOUT over Digital Scale, fDATA = 200 MSPS,
4× Interpolation, fSC = 20 mA, PLL Off
–160
–161
–162
–163
–164
–165
–166
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
2×,
fDATA = 200MSPS
4×,
fDATA = 200MSPS
8×,
fDATA = 100MSPS
Figure 27. 8-Tone NSD vs. fOUT over Interpolation Rate, Digital Scale = 0 dBFS,
fSC = 20 mA, PLL On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com