Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 1 Page - Analog Devices

  AD9122 Datasheet HTML 1Page - Analog Devices AD9122 Datasheet HTML 2Page - Analog Devices AD9122 Datasheet HTML 3Page - Analog Devices AD9122 Datasheet HTML 4Page - Analog Devices AD9122 Datasheet HTML 5Page - Analog Devices AD9122 Datasheet HTML 6Page - Analog Devices AD9122 Datasheet HTML 7Page - Analog Devices AD9122 Datasheet HTML 8Page - Analog Devices AD9122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Dual, 16-Bit, 1200 MSPS,
TxDAC+® Digital-to-Analog Converter
AD9122
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Flexible LVDS interface allows word, byte, or nibble load
Single-carrier W-CDMA ACLR = 82 dBc @ 122.88 MHz IF
Analog output: adjustable 8.7 mA to 31.7 mA, RL = 25 Ω to 50 Ω
Novel 2×/4×/8× interpolator/complex modulator allows
carrier placement anywhere in the DAC bandwidth
Digital gain and phase adjustment for sideband suppression
Multiple chip synchronization interfaces
High performance, low noise PLL clock multiplier
Digital inverse sinc filter
Flexible LVDS interface allows word, byte, or nibble load
Low power: 1.5 W @ 1.2 GSPS, 800 mW @ 500 MSPS, full
operating conditions
72-lead, exposed paddle LFCSP
APPLICATIONS
Wireless infrastructure
W-CDMA, CDMA2000, TD-SCDMA, WiMAX, GSM, LTE
Digital high or low IF synthesis
Transmit diversity
Wideband communications: LMDS/MMDS, point-to-point
GENERAL DESCRIPTION
The AD9122 is a dual 16-bit, high dynamic range, digital-to-
analog converter (DAC) that provides a sample rate of 1200 MSPS,
permitting a multicarrier generation up to the Nyquist frequency.
It includes features optimized for direct conversion transmit
applications, including complex digital modulation, and gain and
offset compensation. The DAC outputs are optimized to interface
seamlessly with analog quadrature modulators, such as the
ADL537x F-MOD series from Analog Devices, Inc. A 4-wire
serial port interface provides for programming/readback of many
internal parameters. Full-scale output current can be programmed
over a range of 8.7 mA to 31.7 mA. The AD9122 comes in a
72-lead LFCSP.
PRODUCT HIGHLIGHTS
1.
Ultralow noise and intermodulation distortion (IMD)
enable high quality synthesis of wideband signals from
baseband to high intermediate frequencies.
2.
A proprietary DAC output switching technique enhances
dynamic performance.
3.
The current outputs are easily configured for various
single-ended or differential circuit topologies.
4.
Flexible LVDS digital interface allows the standard 32-wire
bus to be reduced to ½ or ¼ of the width.
TYPICAL SIGNAL CHAIN
NOTES
1. AQM = ANALOG QUADRATURE MODULATOR.
COMPLEX BASEBAND
DC
COMPLEX IF
fIF
RF
LO – fIF
DIGITAL
BASEBAND
PROCESSOR
PA
I DAC
Q DAC
2
2
2/4
2/4
ANTIALIASING
FILTER
AQM
LO
SIN
COS
Figure 1.


Similar Part No. - AD9122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
563Kb / 9P
Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122 AD-AD9122 Datasheet
2Mb / 60P
Dual, 16–Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
Rev. C
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
TxDAC Digital-to-Analog Converter
REV. 0
AD9122BCPZ AD-AD9122BCPZ Datasheet
2Mb / 60P
Dual, 16–Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
Rev. C
More results

Similar Description - AD9122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9125 AD-AD9125 Datasheet
889Kb / 56P
Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com