Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9122 Datasheet HTML 45Page - Analog Devices AD9122 Datasheet HTML 46Page - Analog Devices AD9122 Datasheet HTML 47Page - Analog Devices AD9122 Datasheet HTML 48Page - Analog Devices AD9122 Datasheet HTML 49Page - Analog Devices AD9122 Datasheet HTML 50Page - Analog Devices AD9122 Datasheet HTML 51Page - Analog Devices AD9122 Datasheet HTML 52Page - Analog Devices AD9122 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
AD9122
Rev. 0 | Page 49 of 56
300
250
200
150
100
50
0
0
1200
100
800
600
400
200
fDAC (MHz)
Figure 77. DVDD18 Power Dissipation vs. fDAC Due to Inverse Sinc Filter
300
250
200
150
100
50
0
50
300
250
200
150
100
fDATA (MHz)
1×
2×, 4×, 8×
Figure 78. DVDD18 Power Dissipation vs. fDATA Due to Fine NCO
TEMPERATURE SENSOR
The AD9122 has a diode-based temperature sensor for measuring
the temperature of the die. The temperature reading is accessed
through Register 0x49 and Register 0x4A. The temperature of
the die can be calculated by
88
)
925
,
47
]
0
:
15
[
(
−
= DieTemp
T
DIE
where TDIE is the die temperature in oC. The temperature
accuracy is ±5oC typical.
Estimates of the ambient temperature can be made if the power
dissipation of the device is known. For example, if the device power
dissipation is 800 mW, and the measured die temperature is 50oC,
then the ambient temperature can be calculated as
TA = TDIE – PD × TJA = 50 – 0.8 × 20.7 = 33.4°C
where:
TA is the ambient temperature in oC.
TJA is the thermal resistance from junction to ambient of the
AD9122, as shown in Table 7.
To use the temperature sensor, it must be enabled by setting
Register 0x01, Bit 4 to 0. In addition, to obtain accurate readings,
the range control register (Register 0x48) should be set to 0x02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com