Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 9Page - SMSC Corporation LAN9303 Datasheet HTML 10Page - SMSC Corporation LAN9303 Datasheet HTML 11Page - SMSC Corporation LAN9303 Datasheet HTML 12Page - SMSC Corporation LAN9303 Datasheet HTML 13Page - SMSC Corporation LAN9303 Datasheet HTML 14Page - SMSC Corporation LAN9303 Datasheet HTML 15Page - SMSC Corporation LAN9303 Datasheet HTML 16Page - SMSC Corporation LAN9303 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
13
Revision 1.3 (08-27-09)
DATASHEET
Chapter 1 Preface
1.1
General Terms
100BT
100BASE-T (100Mbps Fast Ethernet, IEEE 802.3u)
ADC
Analog-to-Digital Converter
ALR
Address Logic Resolution
BLW
Baseline Wander
BM
Buffer Manager - Part of the switch fabric
BPDU
Bridge Protocol Data Unit - Messages which carry the Spanning Tree
Protocol information
Byte
8-bits
CSMA/CD
Carrier Sense Multiple Access / Collision Detect
CSR
Control and Status Registers
CTR
Counter
DA
Destination Address
DWORD
32-bits
EPC
EEPROM Controller
FCS
Frame Check Sequence - The extra checksum characters added to the end
of an Ethernet frame, used for error detection and correction.
FIFO
First In First Out buffer
FSM
Finite State Machine
GPIO
General Purpose I/O
Host
External system (Includes processor, application software, etc.)
IGMP
Internet Group Management Protocol
Inbound
Refers to data input to the device from the host
Level-Triggered Sticky Bit
This type of status bit is set whenever the condition that it represents is
asserted. The bit remains set until the condition is no longer true, and the
status bit is cleared by writing a zero.
lsb
Least Significant Bit
LSB
Least Significant Byte
MDI
Medium Dependant Interface
MDIX
Media Independent Interface with Crossover
MII
Media Independent Interface
MIIM
Media Independent Interface Management
MIL
MAC Interface Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com