Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 76 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 76 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 72Page - SMSC Corporation LAN9303 Datasheet HTML 73Page - SMSC Corporation LAN9303 Datasheet HTML 74Page - SMSC Corporation LAN9303 Datasheet HTML 75Page - SMSC Corporation LAN9303 Datasheet HTML 76Page - SMSC Corporation LAN9303 Datasheet HTML 77Page - SMSC Corporation LAN9303 Datasheet HTML 78Page - SMSC Corporation LAN9303 Datasheet HTML 79Page - SMSC Corporation LAN9303 Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
Revision 1.3 (08-27-09)
76
SMSC LAN9303/LAN9303i
DATASHEET
approximately 20 nS per byte increments. Typical values are listed in Table 6.3. When a port is
receiving at 10Mbps, any setting faster than 39 has the effect of not limiting the rate.
After each packet is received, the bucket is decremented. If the Committed Burst bucket has sufficient
tokens, it is debited and the packet is colored Green. If the Committed Burst bucket lacks sufficient
tokens for the packet, the Excess Burst bucket is checked. If the Excess Burst bucket has sufficient
tokens, it is debited, the packet is colored Yellow and is subjected to random discard. If the Excess
Burst bucket lacks sufficient tokens for the packet, the packet is colored Red and is discarded.
Note: All of the token buckets are initialized to the default value of 1536. If lower values are
programmed into the CBS and EBS parameters, the token buckets will need to be normally
depleted below these values before the values have any affect on limiting the maximum value
of the token buckets.
Refer to Section 13.4.3.25, on page 299 through Section 13.4.3.29, on page 304 for detailed register
descriptions.
Table 6.3 Typical Ingress Rate Settings
CIR Setting
Time Per Byte
Bandwidth
0-3
80 nS
100 Mbps
4
100 nS
80 Mbps
5
120 nS
67 Mbps
6
140 nS
57 Mbps
7
160 nS
50 Mbps
9
200 nS
40 Mbps
12
260 nS
31 Mbps
19
400 nS
20 Mbps
39
800 nS
10 Mbps
79
1600 nS
5 Mbps
160
3220 nS
2.5 Mbps
402
8060 nS
1 Mbps
804
16100 nS
500 Kbps
1610
32220 nS
250 Kbps
4028
80580 nS
100 Kbps
8056
161140 nS
50 Kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com