Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 72 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 68Page - SMSC Corporation LAN9303 Datasheet HTML 69Page - SMSC Corporation LAN9303 Datasheet HTML 70Page - SMSC Corporation LAN9303 Datasheet HTML 71Page - SMSC Corporation LAN9303 Datasheet HTML 72Page - SMSC Corporation LAN9303 Datasheet HTML 73Page - SMSC Corporation LAN9303 Datasheet HTML 74Page - SMSC Corporation LAN9303 Datasheet HTML 75Page - SMSC Corporation LAN9303 Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
Revision 1.3 (08-27-09)
72
SMSC LAN9303/LAN9303i
DATASHEET
The transmit queue priority is based on the packet type and device configuration as shown in
Figure 6.5. Refer to Section 13.4.3.16, "Switch Engine Global Ingress Configuration Register
(SWE_GLOBAL_INGRSS_CFG)," on page 289 for definitions of the configuration bits.
Figure 6.5 Switch Engine Transmit Queue Calculation
DA Highest
Priority
ALR Priority
Enable Bit
Y
Y
Resolved Priority =
Priority Regen[VLAN
Priority]
N
Packet is IPv4/v6
& Use IP
Resolved Priority =
IP Precedence
Y
Use Precedence
Y
N
Resolved Priority =
DIFFSERV[TC]
N
N
Y
Use Tag &
Packet is
Tagged
Y
N
N
Resolved Priority =
Default Priority[Source
Port]
wait for ALR result
Queue =
Traffic Class[Resolved Priority]
Packet is IPv4
Resolved Priority =
DIFFSERV[TOS]
Y
N
Get Queue Done
VL Higher
Priority
Use Tag &
Packet is
Tagged
N
Y
Get Queue
Packet from Host
N
Y
Resolved Priority =
ALR Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com