Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 49 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 45Page - SMSC Corporation LAN9303 Datasheet HTML 46Page - SMSC Corporation LAN9303 Datasheet HTML 47Page - SMSC Corporation LAN9303 Datasheet HTML 48Page - SMSC Corporation LAN9303 Datasheet HTML 49Page - SMSC Corporation LAN9303 Datasheet HTML 50Page - SMSC Corporation LAN9303 Datasheet HTML 51Page - SMSC Corporation LAN9303 Datasheet HTML 52Page - SMSC Corporation LAN9303 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
49
Revision 1.3 (08-27-09)
DATASHEET
manual_FC_strap_1
Port 1 Manual Flow Control Enable Strap: Configures the
default value of the Port 1 Full-Duplex Manual Flow Control
Select (MANUAL_FC_1) bit in the Port 1 Manual Flow
Control Register (MANUAL_FC_1).
This strap affects the default value of the following register
bits (x=1):
Asymmetric Pause and Symmetric Pause bits of the Port
x PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x)
0b
auto_mdix_strap_2
Port 2 Auto-MDIX Enable Strap: Configures the default
value of the AMDIX_EN Strap State Port 2 bit of the
Hardware Configuration Register (HW_CFG).
This strap is used in conjunction with manual_mdix_strap_2
to configure Port 2 Auto-MDIX functionality when the Auto-
MDIX Control (AMDIXCTRL) bit in the (x=2) Port x PHY
Special Control/Status Indication Register
(PHY_SPECIAL_CONTROL_STAT_IND_x) indicates the
strap settings should be used for auto-MDIX configuration.
Refer to the respective register definition sections for
additional information.
AMDIX2 LED1P
Note 4.1
manual_mdix_strap_2
Port 2 Manual MDIX Strap: Configures MDI(0) or MDIX(1)
for Port 2 when the auto_mdix_strap_2 is low and the Auto-
MDIX Control (AMDIXCTRL) bit of the (x=2) Port x PHY
Special Control/Status Indication Register
(PHY_SPECIAL_CONTROL_STAT_IND_x) indicates the
strap settings are to be used for auto-MDIX configuration.
0b
autoneg_strap_2
Port 2 Auto Negotiation Enable Strap: Configures the
default value of the Auto-Negotiation (PHY_AN) enable bit
in the (x=2) Port x PHY Basic Control Register
(PHY_BASIC_CONTROL_x).
This strap may also affect the default value of the following
register bits (x=2):
Speed Select LSB (PHY_SPEED_SEL_LSB) and Duplex
Mode (PHY_DUPLEX) bits of the Port x PHY Basic
Control Register (PHY_BASIC_CONTROL_x)
10BASE-T Full Duplex and 10BASE-T Half Duplex bits of
the Port x PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x)
PHY Mode (MODE[2:0]) bits of the Port x PHY Special
Modes Register (PHY_SPECIAL_MODES_x)
Refer to the respective register definition sections for
additional information.
1b
Table 4.2 Soft-Strap Configuration Strap Definitions (continued)
STRAP NAME
DESCRIPTION
PIN / DEFAULT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com