| Electronic Components Datasheet Search |
|
LAN9303 Datasheet(PDF) 86 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9303 Datasheet(HTML) 86 Page - SMSC Corporation |
|
86 / 366 page ![]() Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII Datasheet Revision 1.3 (08-27-09) 86 SMSC LAN9303/LAN9303i DATASHEET Hybrid tagging is summarized in Figure 6.9. The default VLAN ID and priority of each port may be configured via the following registers: Buffer Manager Port 0 Default VLAN ID and Priority Register (BM_VLAN_0) Buffer Manager Port 1 Default VLAN ID and Priority Register (BM_VLAN_1) Buffer Manager Port 2 Default VLAN ID and Priority Register (BM_VLAN_2) Figure 6.9 Hybrid Port Tagging and Un-tagging Insert Tag [egress_port] Default VID [ingress_port] Un-tag Bit Y Non-tagged Y Add Tag VID = Default VID [ingress_port or egress port*] Priority = ingress priority or Default Priority [egress_port]* Y Send Packet Untouched N Priority Tagged Default VID [ingress_port] Un-tag Bit Y Strip Tag N Normal Tagged Received VID Un-tag Bit Y Strip Tag Change Tag [egress_port] N N Send Packet Untouched Y Change Priority [egress_port] Modify Tag VID = Default VID [ingress_port or egress port*] Priority = ingress priority or Default Priority [egress_port]* N Change VLAN ID [egress_port] Change Priority [egress_port] Change Priority [egress_port] Y N N Modify Tag VID = Default VID [ingress port or egress_port*] Priority = ingress priority or Default Priority [egress_port]* Y Modify Tag VID = Default VID [ingress port or egress_port*] Priority = Unchanged N Y Modify Tag VID = Unchanged Priority = ingress priority or Default Priority [egress_port]* Special Tagged Strip Tag Modify Tag VID = Default VID [ingress_port or egress port*] Priority = Unchanged N Receive Tag Type *choosen by VID / Priority Select bit *choosen by VID / Priority Select bit *choosen by VID / Priority Select bit *choosen by VID / Priority Select bit *choosen by VID / Priority Select bit *choosen by VID / Priority Select bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |