Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 55 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 51Page - SMSC Corporation LAN9303 Datasheet HTML 52Page - SMSC Corporation LAN9303 Datasheet HTML 53Page - SMSC Corporation LAN9303 Datasheet HTML 54Page - SMSC Corporation LAN9303 Datasheet HTML 55Page - SMSC Corporation LAN9303 Datasheet HTML 56Page - SMSC Corporation LAN9303 Datasheet HTML 57Page - SMSC Corporation LAN9303 Datasheet HTML 58Page - SMSC Corporation LAN9303 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
55
Revision 1.3 (08-27-09)
DATASHEET
Chapter 5 System Interrupts
5.1
Functional Overview
This chapter describes the system interrupt structure. The device provides a multi-tier programmable
interrupt structure which is controlled by the System Interrupt Controller. The programmable system
interrupts are generated internally by the various sub-modules and can be configured to generate a
single external host interrupt via the IRQ interrupt output pin. The programmable nature of the host
interrupt provides the user with the ability to optimize performance dependent upon the application
requirements. The IRQ interrupt buffer type, polarity, and de-assertion interval are modifiable. The IRQ
interrupt can be configured as an open-drain output to facilitate the sharing of interrupts with other
devices. All internal interrupts are maskable and capable of triggering the IRQ interrupt.
5.2
Interrupt Sources
The device is capable of generating the following interrupt types:
Switch Fabric Interrupts (Buffer Manager, Switch Engine, and Port 2,1,0 MACs)
Ethernet PHY Interrupts (Port 1,2 PHYs)
GPIO Interrupts (GPIO[5:0])
General Purpose Timer Interrupt (GPT)
Software Interrupt (General Purpose)
Device Ready Interrupt
All interrupts are accessed and configured via registers arranged into a multi-tier, branch-like structure,
as shown in Figure 5.1. At the top level of the interrupt structure are the Interrupt Status Register
(INT_STS), Interrupt Enable Register (INT_EN), and Interrupt Configuration Register (IRQ_CFG).
The Interrupt Status Register (INT_STS) and Interrupt Enable Register (INT_EN) aggregate and
enable/disable all interrupts from the various sub-modules, combining them together to create the IRQ
interrupt. These registers provide direct interrupt access/configuration to the General Purpose Timer,
software, and device ready interrupts. These interrupts can be monitored, enabled/disabled, and
cleared, directly within these two registers. In addition, interrupt event indications are provided for the
Switch Fabric, Port 1 & 2 Ethernet PHYs, and GPIO interrupts. These interrupts differ in that the
interrupt sources are generated and cleared in other sub-block registers. The Interrupt Status Register
(INT_STS) does not provide details on what specific event within the sub-module caused the interrupt,
and requires the software to poll an additional sub-module interrupt register (as shown in Figure 5.1)
to determine the exact interrupt source and clear it. For interrupts which involve multiple registers, only
after the interrupt has been serviced and cleared at its source will it be cleared in the Interrupt Status
Register (INT_STS).
The Interrupt Configuration Register (IRQ_CFG) is responsible for enabling/disabling the IRQ interrupt
output pin as well as configuring its properties. This register allows the modification of the IRQ pin
buffer type, polarity, and de-assertion interval. The de-assertion timer guarantees a minimum interrupt
de-assertion period for the IRQ output and is programmable via the Interrupt De-assertion Interval
(INT_DEAS) field of the Interrupt Configuration Register (IRQ_CFG). A setting of all zeros disables the
de-assertion timer. The de-assertion interval starts when the IRQ pin de-asserts, regardless of the
reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com