Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 79 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 79 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 75Page - SMSC Corporation LAN9303 Datasheet HTML 76Page - SMSC Corporation LAN9303 Datasheet HTML 77Page - SMSC Corporation LAN9303 Datasheet HTML 78Page - SMSC Corporation LAN9303 Datasheet HTML 79Page - SMSC Corporation LAN9303 Datasheet HTML 80Page - SMSC Corporation LAN9303 Datasheet HTML 81Page - SMSC Corporation LAN9303 Datasheet HTML 82Page - SMSC Corporation LAN9303 Datasheet HTML 83Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
79
Revision 1.3 (08-27-09)
DATASHEET
6.4.7
Broadcast Storm Control
In addition to ingress rate limiting, the device supports hardware broadcast storm control on a per port
basis. This feature is enabled via the Switch Engine Broadcast Throttling Register
(SWE_BCST_THROT). The allowed rate per port is specified as the number of bytes multiplied by 64
allowed to be received every 1.72 mS interval. Packets that exceed this limit are dropped. Typical
values are listed in Table 6.4. When a port is receiving at 10Mbps, any setting above 34 has the effect
of not limiting the rate.
In addition to the rate limit, the Buffer Manager Broadcast Buffer Level Register (BM_BCST_LVL)
specifies the maximum number of buffers that can be used by broadcasts, multicasts, and unknown
unicasts.
6.4.8
IPv4 IGMP Support
The device provides Internet Group Management Protocol (IGMP) hardware support using two
mechanisms: IGMP monitoring and Multicast Pruning.
On ingress, if IGMP packet monitoring is enabled in the Switch Engine Global Ingress Configuration
Register (SWE_GLOBAL_INGRSS_CFG), IGMP multicast packets are trapped and redirected to the
IGMP monitor port (typically set to the port to which the host CPU is connected). IGMP packets are
identified as IPv4 packets with a protocol of 2. Both Ethernet and IEEE 802.3 frame formats are
supported as are VLAN tagged packets.
Once the IGMP packets are received by the host CPU, the host software can decide which port or
ports need to be members of the multicast group. This group is then added to the ALR table as detailed
in Section 6.4.1.3, "Multicast Pruning," on page 68. The host software should also forward the original
IGMP packet if necessary.
Normally, packets are never transmitted back to the receiving port. For IGMP monitoring, this may
optionally be enabled via the Switch Engine Global Ingress Configuration Register
(SWE_GLOBAL_INGRSS_CFG). This function would be used if the monitoring port wished to
participate in the IGMP group without the need to perform special handling in the transmit portion of
the driver software.
Table 6.4 Typical Broadcast Rate Settings
Broadcast Throttle Level
Bandwidth
252
75 Mbps
168
50 Mbps
134
40 Mbps
67
20 Mbps
34
10 Mbps
17
5 Mbps
82.4 Mbps
41.2 Mbps
3
900 Kbps
2
600 Kbps
1
300 Kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com