Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 44 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 40Page - SMSC Corporation LAN9303 Datasheet HTML 41Page - SMSC Corporation LAN9303 Datasheet HTML 42Page - SMSC Corporation LAN9303 Datasheet HTML 43Page - SMSC Corporation LAN9303 Datasheet HTML 44Page - SMSC Corporation LAN9303 Datasheet HTML 45Page - SMSC Corporation LAN9303 Datasheet HTML 46Page - SMSC Corporation LAN9303 Datasheet HTML 47Page - SMSC Corporation LAN9303 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
Revision 1.3 (08-27-09)
44
SMSC LAN9303/LAN9303i
DATASHEET
A nRST pin reset typically takes approximately 760uS, plus an additional 91uS per byte of data loaded
from the EEPROM via the EEPROM Loader. A full EEPROM load of 64KB will complete in
approximately 6.0 seconds.
Note: The nRST pin is pulled-high internally. If unused, this signal can be left unconnected. Do not
rely on internal pull-up resistors to drive signals external to the device.
Please refer to Section Table 3.7, "Miscellaneous Pins," on page 38 for a description of the nRST pin.
4.2.2
Multi-Module Resets
Multi-module resets activate multiple internal resets, but do not reset the entire chip. Configuration
straps are not latched upon multi-module resets. A multi-module reset is initiated by assertion of the
following:
Digital Reset (DIGITAL_RST)
Multi-module reset/configuration completion can be determined by first polling the Byte Order Test
Register (BYTE_TEST). The returned data will be invalid until the serial interface resets are complete.
Once the returned data is the correct byte ordering value, the serial interface resets have completed.
The completion of the entire chip-level reset must then be determined by polling the Device Ready
(READY) bit of the Hardware Configuration Register (HW_CFG) until it is set. When set, the Device
Ready (READY) bit indicates that the reset has completed and the device is ready to be accessed.
With the exception of the Hardware Configuration Register (HW_CFG), Byte Order Test Register
(BYTE_TEST), and Reset Control Register (RESET_CTL), read access to any internal resources is
forbidden while the Device Ready (READY) bit is cleared. Writes to any address are invalid until the
Device Ready (READY) bit is set.
Note: The digital reset does not reset register bits designated as NASR.
4.2.2.1
Digital Reset (DIGITAL_RST)
A digital reset is performed by setting the Digital Reset (DIGITAL_RST) bit of the Reset Control
Register (RESET_CTL). A digital reset will reset all sub-modules except the Ethernet PHYs (Port 1
PHY, Port 2 PHY, and Virtual PHY). The EEPROM Loader will automatically run following this reset.
Configuration straps are not latched as a result of a digital reset.
A digital reset typically takes approximately 760uS, plus an additional 91uS per byte of data loaded
from the EEPROM via the EEPROM Loader. A full EEPROM load of 64KB will complete in
approximately 6.0 seconds.
4.2.3
Single-Module Resets
A single-module reset will reset only the specified module. Single-module resets do not latch the
configuration straps or initiate the EEPROM Loader. A single-module reset is initiated by assertion of
the following:
Port 2 PHY Reset
Port 1 PHY Reset
Virtual PHY Reset
4.2.3.1
Port 2 PHY Reset
A Port 2 PHY reset is performed by setting the Port 2 PHY Reset (PHY2_RST) bit of the Reset Control
Register (RESET_CTL) or the Reset (PHY_RST) bit in the (x=2) Port x PHY Basic Control Register
(PHY_BASIC_CONTROL_x). Upon completion of the Port 2 PHY reset, the Port 2 PHY Reset
(PHY2_RST) and Reset (PHY_RST) bits are automatically cleared. No other modules of the device
are affected by this reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com