Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 48 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 44Page - SMSC Corporation LAN9303 Datasheet HTML 45Page - SMSC Corporation LAN9303 Datasheet HTML 46Page - SMSC Corporation LAN9303 Datasheet HTML 47Page - SMSC Corporation LAN9303 Datasheet HTML 48Page - SMSC Corporation LAN9303 Datasheet HTML 49Page - SMSC Corporation LAN9303 Datasheet HTML 50Page - SMSC Corporation LAN9303 Datasheet HTML 51Page - SMSC Corporation LAN9303 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
Revision 1.3 (08-27-09)
48
SMSC LAN9303/LAN9303i
DATASHEET
speed_strap_1
Port 1 Speed Select Strap:
This strap may affect the default value of the following
register bits (x=1):
Speed Select LSB (PHY_SPEED_SEL_LSB) bit of the
Port x PHY Basic Control Register
(PHY_BASIC_CONTROL_x)
PHY Mode (MODE[2:0]) bits of the Port x PHY Special
Modes Register (PHY_SPECIAL_MODES_x)
10BASE-T Full Duplex and 10BASE-T Half Duplex bits of
the Port x PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x)
Refer to the respective register definition sections for
additional information.
1b
duplex_strap_1
Port 1 Duplex Select Strap: This strap affects the default
value of the following register bits (x=1):
Duplex Mode (PHY_DUPLEX) bit of the Port x PHY Basic
Control Register (PHY_BASIC_CONTROL_x)
PHY Mode (MODE[2:0]) bits of the Port x PHY Special
Modes Register (PHY_SPECIAL_MODES_x)
10BASE-T Full Duplex bit of the Port x PHY Auto-
Negotiation Advertisement Register (PHY_AN_ADV_x)
Refer to the respective register definition sections for
additional information.
1b
BP_EN_strap_1
Port 1 Backpressure Enable Strap: Configures the
default value for the Port 1 Backpressure Enable
(BP_EN_1) bit of the Port 1 Manual Flow Control Register
(MANUAL_FC_1).
1b
FD_FC_strap_1
Port 1 Full-Duplex Flow Control Enable Strap: This strap
is used to configure the default value of the following
register bits (x=1):
Port 1 Full-Duplex Transmit Flow Control Enable
(TX_FC_1) and Port 1 Full-Duplex Receive Flow Control
Enable (RX_FC_1) bits of the Port 1 Manual Flow Control
Register (MANUAL_FC_1)
This strap may affect the default value of the following
register bits (x=1):
Asymmetric Pause bit of the Port x PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x)
Refer to the respective register definition sections for
additional information.
1b
Table 4.2 Soft-Strap Configuration Strap Definitions (continued)
STRAP NAME
DESCRIPTION
PIN / DEFAULT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com