Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 29 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 25Page - SMSC Corporation LAN9303 Datasheet HTML 26Page - SMSC Corporation LAN9303 Datasheet HTML 27Page - SMSC Corporation LAN9303 Datasheet HTML 28Page - SMSC Corporation LAN9303 Datasheet HTML 29Page - SMSC Corporation LAN9303 Datasheet HTML 30Page - SMSC Corporation LAN9303 Datasheet HTML 31Page - SMSC Corporation LAN9303 Datasheet HTML 32Page - SMSC Corporation LAN9303 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
29
Revision 1.3 (08-27-09)
DATASHEET
1
Port 0 MII
Output Data 0
P0_OUTD0
O8
MII MAC Mode: This pin is the transmit data 0 bit
from the switch to the external PHY.
O8
MII PHY Mode: This pin is the receive data 0 bit
from the switch to the external MAC. The output
driver is disabled when the Isolate (VPHY_ISO) bit
is set in the Virtual PHY Basic Control Register
(VPHY_BASIC_CTRL).
O8
RMII PHY Mode: This pin is the receive data 0 bit
from the switch to the external MAC. The output
driver is disabled when the Isolate (VPHY_ISO) bit
is set in the Virtual PHY Basic Control Register
(VPHY_BASIC_CTRL).
Port 0 Mode[0]
Configuration
Strap
P0_MODE0
IS
(PU)
Note 3.5
This strap configures the mode for Port 0. See
Note 3.4.
The P0_MODE[2:0] configuration strap encoding is
as follows:
000 = MII MAC mode
001 = MII PHY mode
010 = MII PHY mode 200 Mbps 12 ma clock output
011 = MII PHY mode 200 Mbps 16 ma clock output
100 = RMII PHY mode clock is 12 ma output
101 = RMII PHY mode clock is 16 ma output
110 = RMII PHY mode clock is input
111 = RESERVED
1
Port 0 MII
Output Data
Valid
P0_OUTDV
O8
MII MAC Mode: This pin is the TX_EN signal to the
external PHY and indicates valid data on
P0_OUTD[3:0].
O8
MII PHY Mode: This pin is the RX_DV signal to the
external MAC. The output driver is disabled when
the Isolate (VPHY_ISO) bit is set in the Virtual PHY
Basic Control Register (VPHY_BASIC_CTRL).
O8
RMII PHY Mode: This pin is the CRS_DV signal to
the external MAC. The output driver is disabled
when the Isolate (VPHY_ISO) bit is set in the
Virtual PHY Basic Control Register
(VPHY_BASIC_CTRL).
Table 3.4 Port 0 MII/RMII Pins (continued)
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com