Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 69 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 65Page - SMSC Corporation LAN9303 Datasheet HTML 66Page - SMSC Corporation LAN9303 Datasheet HTML 67Page - SMSC Corporation LAN9303 Datasheet HTML 68Page - SMSC Corporation LAN9303 Datasheet HTML 69Page - SMSC Corporation LAN9303 Datasheet HTML 70Page - SMSC Corporation LAN9303 Datasheet HTML 71Page - SMSC Corporation LAN9303 Datasheet HTML 72Page - SMSC Corporation LAN9303 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
69
Revision 1.3 (08-27-09)
DATASHEET
The following procedure should be followed in order to add, delete, and modify the ALR entries:
1. Write the Switch Engine ALR Write Data 0 Register (SWE_ALR_WR_DAT_0) and Switch Engine
ALR Write Data 1 Register (SWE_ALR_WR_DAT_1) with the desired MAC address and control
bits.
Note: An entry can be deleted by setting the Valid bit to 0.
2. Write the Switch Engine ALR Command Register (SWE_ALR_CMD) register with 0004h (Make
Entry).
3. Poll the Make Pending bit in the Switch Engine ALR Command Status Register
(SWE_ALR_CMD_STS) until it is cleared.
4. Write the Switch Engine ALR Command Register (SWE_ALR_CMD) with 0000h.
The ALR contains a search engine that is used by the host to read the MAC Address Table. This
engine is accessed by using the Switch Engine ALR Command Register (SWE_ALR_CMD), Switch
Engine ALR Read Data 0 Register (SWE_ALR_RD_DAT_0), and Switch Engine ALR Read Data 1
Register (SWE_ALR_RD_DAT_1).
Note: The entries read are not necessarily in the same order as they were learned or manually
added.
The following procedure should be followed in order to read the ALR entries:
1. Write the Switch Engine ALR Command Register (SWE_ALR_CMD) with 0002h (Get First Entry).
2. Write the Switch Engine ALR Command Register (SWE_ALR_CMD) with 0000h (Clear the Get
First Entry Bit).
3. Poll the Valid and End of Table bits in the Switch Engine ALR Read Data 1 Register
(SWE_ALR_RD_DAT_1) until either is set.
4. If the Valid bit is set, then the entry is valid and the data from the Switch Engine ALR Read Data
0 Register (SWE_ALR_RD_DAT_0) and Switch Engine ALR Read Data 1 Register
(SWE_ALR_RD_DAT_1) can be stored.
5. If the End of Table bit is set, then exit.
6. Write the Switch Engine ALR Command Register (SWE_ALR_CMD) with 0001h (Get Next Entry).
7. Write the Switch Engine ALR Command Register (SWE_ALR_CMD) with 0000h (Clear the Get
Next Entry bit).
8. Go to step 3.
Note: Refer to Section 13.4.3.1, on page 271 through Section 13.4.3.6, on page 278 for detailed
definitions of these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com