Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 82 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 82 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 78Page - SMSC Corporation LAN9303 Datasheet HTML 79Page - SMSC Corporation LAN9303 Datasheet HTML 80Page - SMSC Corporation LAN9303 Datasheet HTML 81Page - SMSC Corporation LAN9303 Datasheet HTML 82Page - SMSC Corporation LAN9303 Datasheet HTML 83Page - SMSC Corporation LAN9303 Datasheet HTML 84Page - SMSC Corporation LAN9303 Datasheet HTML 85Page - SMSC Corporation LAN9303 Datasheet HTML 86Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
Revision 1.3 (08-27-09)
82
SMSC LAN9303/LAN9303i
DATASHEET
6.4.11
Counters
A counter is maintained per port that contains the number of MAC address that were not learned or
were overwritten by a different address due to MAC Address Table space limitations. These counters
are accessible via the following registers:
Switch Engine Port 0 Learn Discard Count Register (SWE_LRN_DISCRD_CNT_0)
Switch Engine Port 1 Learn Discard Count Register (SWE_LRN_DISCRD_CNT_1)
Switch Engine Port 2 Learn Discard Count Register (SWE_LRN_DISCRD_CNT_2)
A counter is maintained per port that contains the number of packets filtered at ingress. This count
includes packets filtered due to broadcast throttling, but does not include packets dropped due to
ingress rate limiting. These counters are accessible via the following registers:
Switch Engine Port 0 Ingress Filtered Count Register (SWE_FILTERED_CNT_0)
Switch Engine Port 1 Ingress Filtered Count Register (SWE_FILTERED_CNT_1)
Switch Engine Port 2 Ingress Filtered Count Register (SWE_FILTERED_CNT_2)
6.5
Buffer Manager (BM)
The Buffer Manager (BM) provides control of the free buffer space, the multiple priority transmit
queues, transmission scheduling, and packet dropping. VLAN tag insertion and removal is also
performed by the Buffer Manager. The following sections detail the various features of the Buffer
Manager.
6.5.1
Packet Buffer Allocation
The packet buffer consists of 32KB of RAM that is dynamically allocated in 128 byte blocks as packets
are received. Up to 16 blocks may be used per packet, depending on the packet length. The blocks
are linked together as the packet is received. If a packet is filtered, dropped, or contains a receive
error, the buffers are reclaimed.
6.5.1.1
Buffer Limits and Flow Control Levels
The BM keeps track of the amount of buffers used per each ingress port. These counts are used to
generate flow control (half-duplex backpressure or full-duplex pause frames) and to limit the amount
of buffer space that can be used by any individual receiver (hard drop limit). The flow control and drop
limit thresholds are dynamic and adapt based on the current buffer usage. Based on the number of
active receiving ports, the drop level and flow control pause and resume thresholds adjust between
fixed settings and two user programmable levels via the Buffer Manager Drop Level Register
(BM_DROP_LVL), Buffer Manager Flow Control Pause Level Register (BM_FC_PAUSE_LVL), and
Buffer Manager Flow Control Resume Level Register (BM_FC_RESUME_LVL) respectively.
The BM also keeps a count of the number of buffers that are queued for multiple ports (broadcast
queue). This count is compared against the Buffer Manager Broadcast Buffer Level Register
(BM_BCST_LVL), and if the configured drop level is reached or exceeded, subsequent packets are
dropped.
6.5.2
Random Early Discard (RED)
Based on the ingress flow monitoring detailed in Section 6.4.6, "Ingress Flow Metering and Coloring,"
on page 75, packets are colored as Green, Yellow, or Red. Packets colored Red are always discarded
if the Drop on Red bit in the Buffer Manager Configuration Register (BM_CFG) is set. If the Drop on
Yellow bit in the Buffer Manager Configuration Register (BM_CFG) is set, packets colored Yellow are
randomly discarded based on the moving average number of buffers used by the ingress port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com