Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 71 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 67Page - SMSC Corporation LAN9303 Datasheet HTML 68Page - SMSC Corporation LAN9303 Datasheet HTML 69Page - SMSC Corporation LAN9303 Datasheet HTML 70Page - SMSC Corporation LAN9303 Datasheet HTML 71Page - SMSC Corporation LAN9303 Datasheet HTML 72Page - SMSC Corporation LAN9303 Datasheet HTML 73Page - SMSC Corporation LAN9303 Datasheet HTML 74Page - SMSC Corporation LAN9303 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
71
Revision 1.3 (08-27-09)
DATASHEET
Note: For the last three cases, if the VID is not in the VLAN table, the VLAN is considered foreign
and the membership result is NULL. A NULL membership will result in the packet being filtered
if Enable Membership Checking is set. A NULL membership will also result in the packet being
filtered if the destination address is not found in the ALR table (since the packet would have
no destinations).
6.4.3
Transmit Priority Queue Selection
The transmit priority queue may be selected from five options. As shown in Figure 6.4, the priority may
be based on:
the static value for the destination address in the ALR table
the precedence bits in the IPv4 TOS octet
the DIFFSERV mapping table indexed by the IPv4 TOS octet or the IPv6 Traffic Class octet
the VLAN tag priority field using the per port Priority Regeneration table
the port default
All options are sent through the Traffic Class table which maps the selected priority to one of the four
output queues.
Figure 6.4 Switch Engine Transmit Queue Selection
priority
calculation
programmable
DiffServ table
programmable
port default
table
programmable
Priority
Regeneration
table
per port
3b
3b
3b
2b
6b
3b
3b
static DA
override
Packet is Tagged
VL Higher Priority
Packet is IPv4
Packet is IP
Use Precedence
Use IP
ALR Priority Enable Bit
IPv4(TOS)
IPv6(TC)
DA Highest Priority
priority queue
Source Port
ALR Priority
VLAN Priority
IPv4 Precedence
2b
3b
Use Tag
Packet is from Host
programmable
Traffic Class
table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com