Electronic Components Datasheet Search
  English  ▼

X  

LAN9303 Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 28Page - SMSC Corporation LAN9303 Datasheet HTML 29Page - SMSC Corporation LAN9303 Datasheet HTML 30Page - SMSC Corporation LAN9303 Datasheet HTML 31Page - SMSC Corporation LAN9303 Datasheet HTML 32Page - SMSC Corporation LAN9303 Datasheet HTML 33Page - SMSC Corporation LAN9303 Datasheet HTML 34Page - SMSC Corporation LAN9303 Datasheet HTML 35Page - SMSC Corporation LAN9303 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
Revision 1.3 (08-27-09)
32
SMSC LAN9303/LAN9303i
DATASHEET
Table 3.5 GPIO/LED/Configuration Straps
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
LED 5
LED5
O12/
OD12/
OS12
This pin is configured to operate as an LED when
the LED 5 Enable bit of the LED Configuration
Register (LED_CFG) is set. The buffer type
depends on the setting of the LED Function 1-0
(LED_FUN[1:0]) field in the LED Configuration
Register (LED_CFG) and is configured to be either
an push-pull or open-drain/open-source output.
When selected as an open-drain/open-source
output, the polarity of this pin depends upon the
PHYADDR_LED5P strap value sampled at reset.
GPIO 5
GPIO5
IS/O12/
OD12
(PU)
This pin is configured to operate as a GPIO when
the LED 5 Enable bit of the LED Configuration
Register (LED_CFG) is clear. The pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input by
writing the General Purpose I/O Configuration
Register (GPIO_CFG) and the General Purpose
I/O Data & Direction Register (GPIO_DATA_DIR).
PHY Address
and LED 5
Polarity
Configuration
Strap
PHYADDR_LED5P
IS
(PU)
This strap configures the default value of the MII
management address for the PHYs and Virtual
PHY, as well as the polarity of the LED 5 pin when
it is an open-drain or open-source output. See
Note 3.6.
If the strap value is 0:
The PHY address values are as follows:
Virtual PHY = 0
PHY Port 1 = 1
PHY Port 2 = 2
The LED is set as active high, since it is assumed
that a LED to ground is used as the pull-down.
If the strap value is 1:
The PHY address values are as follows:
Virtual PHY = 1
PHY Port 1 = 2
PHY Port 2 = 3
The LED is set as active low, since it is assumed
that a LED to VDD is used as the pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com