Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 74Page - ATMEL Corporation ATmega32U2 Datasheet HTML 75Page - ATMEL Corporation ATmega32U2 Datasheet HTML 76Page - ATMEL Corporation ATmega32U2 Datasheet HTML 77Page - ATMEL Corporation ATmega32U2 Datasheet HTML 78Page - ATMEL Corporation ATmega32U2 Datasheet HTML 79Page - ATMEL Corporation ATmega32U2 Datasheet HTML 80Page - ATMEL Corporation ATmega32U2 Datasheet HTML 81Page - ATMEL Corporation ATmega32U2 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 314 page
background image
78
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Reset, Reset input. External Reset input is active low and enabled by unprogramming ("1") the
RSTDISBL Fuse. Pullup is activated and output driver and digital input are deactivated when the
pin is used as the RESET pin.
dW, debugWire channel. When the debugWIRE Enable (DWEN) Fuse is programmed and Lock
bits are unprogrammed, the debugWIRE system within the target device is activated. The
RESET port pin is configured as a wired -AND (open-drain) bi-directional I/O pin with pull-up
enabled and becomes the communication gateway between the target and the emulator.
•XTAL2, Bit 0
XTAL2, Oscillator. The PC0 pin can serve as Inverting Output for internal Oscillator amplifier.
Table 12-7 and Table 12-8 relate the alternate functions of Port C to the overriding signals
shown in Figure 12-5 on page 72.
Table 12-7.
Overriding Signals for Alternate Functions in PC7..PC4
Signal
Name
PC7/ICP1/INT4/CLK0
PC6/PCINT8/
OC1A
PC5/PCINT9/
OC1B
PC4/PCINT10
PUOE
0
000
PUOV
0
000
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
OC1A ENABLE
OC1B ENABLE
0
PVOV
0
OC1A
OC1B
0
DIEOE
INT4 ENABLE
PCINT8 ENABLE
PCINT9 ENABLE
PCINT10 ENABLE
DIEOV
1
111
DI
INT4 INPUT
PCINT8 INPUT
PCINT9 INPUT
PCINT10 INPUT
AIO
–
–––
Table 12-8.
Overriding Signals for Alternate Functions in PC2..PC0
Signal
Name
PC2/PCINT11
PC1/RESET/dW
PC0/XTAL2
PUOE
0
0
0
PUOV
0
0
0
DDOE
0
0
0
DDOV
0
0
0
PVOE
0
0
0
PVOV
0
0
0
DIEOE
PCINT11 ENABLE
0
0
DIEOV
1
0
0
DI
PCINT11 INPUT
–
–
AIO
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com