Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 38Page - ATMEL Corporation ATmega32U2 Datasheet HTML 39Page - ATMEL Corporation ATmega32U2 Datasheet HTML 40Page - ATMEL Corporation ATmega32U2 Datasheet HTML 41Page - ATMEL Corporation ATmega32U2 Datasheet HTML 42Page - ATMEL Corporation ATmega32U2 Datasheet HTML 43Page - ATMEL Corporation ATmega32U2 Datasheet HTML 44Page - ATMEL Corporation ATmega32U2 Datasheet HTML 45Page - ATMEL Corporation ATmega32U2 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 314 page
background image
42
7799B–AVR–07/09
ATmega8U2/16U2/32U2
9.
Power Management and Sleep Modes
9.1
Overview
Sleep modes enable the application to shut down unused modules in the MCU, thereby saving
power. The AVR provides various sleep modes allowing the user to tailor the power consump-
tion to the application’s requirements.
9.2
Sleep Modes
Figure 8-1 on page 26 presents the different clock systems in the ATmega8U2/16U2/32U2, and
their distribution. The figure is helpful in selecting an appropriate sleep mode. shows the differ-
ent sleep modes and their wake up sources.
Notes:
1. Only recommended with external crystal or resonator selected as clock source.
2. For INT[7:4], only level interrupt.
3. Asynchronous USB interrupt is WAKEUPI only.
To enter any of the five sleep modes, the SE bit in SMCR must be written to logic one and a
SLEEP instruction must be executed. The SM2, SM1, and SM0 bits in the SMCR Register select
which sleep mode (Idle, Power-down, Power-save, Standby or Extended standby) will be acti-
vated by the SLEEP instruction. See Table 9-2 for a summary.
If an enabled interrupt occurs while the MCU is in a sleep mode, the MCU wakes up. The MCU
is then halted for four cycles in addition to the start-up time, executes the interrupt routine, and
resumes execution from the instruction following SLEEP. The contents of the Register File and
SRAM are unaltered when the device wakes up from sleep. If a reset occurs during sleep mode,
the MCU wakes up and executes from the Reset Vector.
9.3
Idle Mode
When the SM2:0 bits are written to 000, the SLEEP instruction makes the MCU enter Idle mode,
stopping the CPU but allowing the USB, SPI, USART, Analog Comparator, Timer/Counters,
Table 9-1.
Active Clock Domains and Wake-up Sources in the Different Sleep Modes.
Active Clock
Domains
Oscillators
Wake-up Sources
Sleep Mode
Idle
X
X
XXX
XXX
Power-down
X(2)
XX
Power-save
X(2)
XX
Standby(1)
XX(2)
XX
Extended
Standby
XX(2)
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com