Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 53Page - ATMEL Corporation ATmega32U2 Datasheet HTML 54Page - ATMEL Corporation ATmega32U2 Datasheet HTML 55Page - ATMEL Corporation ATmega32U2 Datasheet HTML 56Page - ATMEL Corporation ATmega32U2 Datasheet HTML 57Page - ATMEL Corporation ATmega32U2 Datasheet HTML 58Page - ATMEL Corporation ATmega32U2 Datasheet HTML 59Page - ATMEL Corporation ATmega32U2 Datasheet HTML 60Page - ATMEL Corporation ATmega32U2 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 314 page
background image
57
7799B–AVR–07/09
ATmega8U2/16U2/32U2
function of the Watchdog System Reset mode. If the interrupt is not executed before the next
time-out, a System Reset will be applied.
• Bit 4 - WDCE: Watchdog Change Enable
This bit is used in timed sequences for changing WDE and prescaler bits. To clear the WDE bit,
and/or change the prescaler bits, WDCE must be set.
Once written to one, hardware will clear WDCE after four clock cycles.
• Bit 3 - WDE: Watchdog System Reset Enable
WDE is overridden by WDRF in MCUSR. This means that WDE is always set when WDRF is
set. To clear WDE, WDRF must be cleared first. This feature ensures multiple resets during con-
ditions causing failure, and a safe start-up after the failure.
• Bit 5, 2:0 - WDP[3:0]: Watchdog Timer Prescaler 3, 2, 1 and 0
The WDP3..0 bits determine the Watchdog Timer prescaling when the Watchdog Timer is run-
ning. The different prescaling values and their corresponding time-out periods are shown in
Table on page 58.
10.5.3
WDTCKD – Watchdog Timer Clock Divider Register
• Bit 7:6 - Res: Reserved bits
These bits are reserved and will always read as zero.
• Bit 5 - WDEWIFCL: Watchdog Early Warning Flag Clear Mode
When this bit has been set by software, the WDEWIF interrupt flag is not cleared by hardware
when entering the Watchdog Interrupt subroutine (it has to be cleared by software by writing a
logic one to the flag).
When cleared, the WDEWIF is cleared by hardware when executing the corresponding interrupt
handling vector.
• Bit 4 - WCLKD2 bit: Watchdog Timer Clock Divider
See “Bit 1:0 - WCLKD[1:0]: Watchdog Timer Clock Divider” on page 58.
Table 10-1.
Watchdog Timer Configuration
WDTON (Fuse)
WDE
WDIE
Mode
Action on 2x Time-out
1 (unprogrammed)
0
0
Stopped
None
1 (unprogrammed)
0
1
Interrupt Mode
Interrupt
1 (unprogrammed)
1
0
System Reset Mode
Reset
1 (unprogrammed)
1
1
Interrupt and System
Reset Mode
Interrupt, then go to
System Reset Mode
0 (programmed)
x
x
System Reset Mode
Reset
Bit
7
6
54321
0
(0x62)
--
WDE-
WIFCM
WCLKD2
WDEWIF
WDEWIE
WCLKD1
WCLKD0
WDTCKD
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
00000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com