Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 80Page - ATMEL Corporation ATmega32U2 Datasheet HTML 81Page - ATMEL Corporation ATmega32U2 Datasheet HTML 82Page - ATMEL Corporation ATmega32U2 Datasheet HTML 83Page - ATMEL Corporation ATmega32U2 Datasheet HTML 84Page - ATMEL Corporation ATmega32U2 Datasheet HTML 85Page - ATMEL Corporation ATmega32U2 Datasheet HTML 86Page - ATMEL Corporation ATmega32U2 Datasheet HTML 87Page - ATMEL Corporation ATmega32U2 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 314 page
background image
84
7799B–AVR–07/09
ATmega8U2/16U2/32U2
13. External Interrupts
13.1
Overview
The External Interrupts are triggered by the INT[7:0] pin or any of the PCINT[12:0] pins. Observe
that, if enabled, the interrupts will trigger even if the INT[7:0] or PCINT[12:0] pins are configured
as outputs. This feature provides a way of generating a software interrupt.
The Pin change interrupt PCI0 will trigger if any enabled PCINT[7:0] pin toggles. PCMSK0 Reg-
ister control which pins contribute to the pin change interrupts. The Pin change interrupt PCI1
will trigger if any enabled PCINT[12:8] pin toggles. PCMSK1 Register control which pins contrib-
ute to the pin change interrupts. Pin change interrupts on PCINT[12:0] are detected
asynchronously. This implies that these interrupts can be used for waking the part also from
sleep modes other than Idle mode.
The External Interrupts can be triggered by a falling or rising edge or a low level. This is set up
as indicated in the specification for the External Interrupt Control Registers – EICRA (INT[3:0])
and EICRB (INT[7:4]). When the external interrupt is enabled and is configured as level trig-
gered, the interrupt will trigger as long as the pin is held low. Note that recognition of falling or
rising edge interrupts on INT[7:4] requires the presence of an I/O clock, described in “System
Clock and Clock Options” on page 26. Low level interrupts and the edge interrupt on INT[3:0] are
detected asynchronously. This implies that these interrupts can be used for waking the part also
from sleep modes other than Idle mode. The I/O clock is halted in all sleep modes except Idle
mode.
Note that if a level triggered interrupt is used for wake-up from Power-down, the required level
must be held long enough for the MCU to complete the wake-up to trigger the level interrupt. If
the level disappears before the end of the Start-up Time, the MCU will still wake up, but no inter-
rupt will be generated. The start-up time is defined by the SUT and CKSEL Fuses as described
in “System Clock and Clock Options” on page 26.
13.2
Register Description
13.2.1
EICRA – External Interrupt Control Register A
The External Interrupt Control Register A contains control bits for interrupt sense control.
• Bits 7:0 – ISC31, ISC30 – ISC00, ISC00: External Interrupt 3:0 Sense Control Bits
The External Interrupts 3:0 are activated by the external pins INT[3:0] if the SREG I-flag and the
corresponding interrupt mask in the EIMSK is set. The level and edges on the external pins that
activate the interrupts are defined in Table 13-1. Edges on INT[3:0] are registered asynchro-
nously. Pulses on INT[3:0] pins wider than the minimum pulse width given in “External Interrupts
Characteristics” on page 269 will generate an interrupt. Shorter pulses are not guaranteed to
generate an interrupt. If low level interrupt is selected, the low level must be held until the com-
pletion of the currently executing instruction to generate an interrupt. If enabled, a level triggered
interrupt will generate an interrupt request as long as the pin is held low. When changing the
ISCn bit, an interrupt can occur. Therefore, it is recommended to first disable INTn by clearing its
Interrupt Enable bit in the EIMSK Register. Then, the ISCn bit can be changed. Finally, the INTn
Bit
76543210
(0x69)
ISC31
ISC30
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
EICRA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com