Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 34Page - ATMEL Corporation ATmega32U2 Datasheet HTML 35Page - ATMEL Corporation ATmega32U2 Datasheet HTML 36Page - ATMEL Corporation ATmega32U2 Datasheet HTML 37Page - ATMEL Corporation ATmega32U2 Datasheet HTML 38Page - ATMEL Corporation ATmega32U2 Datasheet HTML 39Page - ATMEL Corporation ATmega32U2 Datasheet HTML 40Page - ATMEL Corporation ATmega32U2 Datasheet HTML 41Page - ATMEL Corporation ATmega32U2 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 314 page
background image
38
7799B–AVR–07/09
ATmega8U2/16U2/32U2
lator is selected by the fuse bits configuration. The firmware has to check if the clock is correctly
started before selected it.
8.11.2
CLKSEL1 – Clock Selection Register 1
• Bit 7:4 – RCCKSEL[3:0]: CKSEL for RC oscillator
Clock configuration for the RC Oscillator. After a reset, this part of the register is loaded with the
0010b value that corresponds to the RC oscillator. Modifying this value by firmware before
switching to RC oscillator is prohibited because the RC clock will not start.
• Bit 3:0 – EXCKSEL[3:0]: CKSEL for External oscillator / Low Power Oscillator
Clock configuration for the External Oscillator / Low Power Oscillator. After a reset, if the Exter-
nal oscillator / Low Power Oscillator is selected by fuse bits, this part of the register is loaded
with the fuse configuration. Firmware can modify it to change the start-up time after the clock
switch.
8.11.3
CLKSTA – Clock Status Register
• Bit 7:2 - Res: Reserved bits
These bits are reserved and will always read as zero.
• Bit 1 – RCON: RC Oscillator On
This bit is set by hardware to one if the RC Oscillator is running.
This bit is set by hardware to zero if the RC Oscillator is stoped.
• Bit 0 – EXTON: External Oscillator / Low Power Oscillator On
This bit is set by hardware to one if the External Oscillator / Low Power Oscillator is running.
This bit is set by hardware to zero if the External Oscillator / Low Power Oscillator is stoped.
8.11.4
OSCCAL – Oscillator Calibration Register
• Bits 7:0 – CAL[7:0]: Oscillator Calibration Value
The Oscillator Calibration Register is used to trim the Calibrated Internal RC Oscillator to
remove process variations from the oscillator frequency. A pre-programmed calibration value is
automatically written to this register during chip reset, giving the Factory calibrated frequency as
specified in Table 26-1 on page 266. The application software can write this register to change
Bit
7
6
5
4
32
10
(0xD1)
RCCKSE
L3
RCCKSE
L2
RCCKSE
L1
RCCKSE
L0
EXCKSE
L3
EXCKSE
L2
EXCKSE
L1
EXCKSE
L0
CLKSEL1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
1
0
0
0
0
0
Bit
7
654
3
2
1
0
(0xD2)
-
-
-
-
-
-
RCON
EXTON
CLKSTA
Read/Write
R
R
R
R
RR
RR
Initial Value
0
0
0
0
See Bit Description
Bit
76543210
(0x66)
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSCCAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
Device Specific Calibration Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com