Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 57Page - ATMEL Corporation ATmega32U2 Datasheet HTML 58Page - ATMEL Corporation ATmega32U2 Datasheet HTML 59Page - ATMEL Corporation ATmega32U2 Datasheet HTML 60Page - ATMEL Corporation ATmega32U2 Datasheet HTML 61Page - ATMEL Corporation ATmega32U2 Datasheet HTML 62Page - ATMEL Corporation ATmega32U2 Datasheet HTML 63Page - ATMEL Corporation ATmega32U2 Datasheet HTML 64Page - ATMEL Corporation ATmega32U2 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 314 page
background image
61
7799B–AVR–07/09
ATmega8U2/16U2/32U2
1010
Reserved
1011
1100
1101
1110
1111
Table 10-6.
Watchdog Timer Prescale Select, DIV = 3 (CLKwdt = CLK128 / 7) (Continued)
WDP3
WDP2
WDP1
WDP0
Number of WDT Oscillator
Cycles before 1st time-out
(Early warning)
Early warning Typical
Time-out at
VCC = 5.0V
Watchdog
Reset/Interrupt Typical
Time-out at
VCC = 5.0V
Table 10-7.
Watchdog Timer Prescale Select, DIV = 4 (CLKwdt = CLK128 / 9)
WDP3
WDP2
WDP1
WDP0
Number of WDT Oscillator
Cycles before 1st time-out
(Early warning)
Early warning Typical
Time-out at
V
CC = 5.0V
Watchdog
Reset/Interrupt Typical
Time-out at
V
CC = 5.0V
0000
2K (2048) cycles
72ms
144 ms
0001
4K (4096) cycles
144 ms
288 ms
0010
8K (8192) cycles
288 ms
576 ms
0011
16K (16384) cycles
576 s
1.15 s
0100
32K (32768) cycles
1.1 s
2.3 s
0101
64K (65536) cycles
2.3 s
4.6 s
0110
128K (131072) cycles
4.6 s
9.2 s
0111
256K (262144) cycles
9.2 s
18.4s
1000
512K (524288) cycles
18.4 s
36.8 s
1001
1024K (1048576) cycles
36.8 s
73 s
1010
Reserved
1011
1100
1101
1110
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com