Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 14Page - ATMEL Corporation ATmega32U2 Datasheet HTML 15Page - ATMEL Corporation ATmega32U2 Datasheet HTML 16Page - ATMEL Corporation ATmega32U2 Datasheet HTML 17Page - ATMEL Corporation ATmega32U2 Datasheet HTML 18Page - ATMEL Corporation ATmega32U2 Datasheet HTML 19Page - ATMEL Corporation ATmega32U2 Datasheet HTML 20Page - ATMEL Corporation ATmega32U2 Datasheet HTML 21Page - ATMEL Corporation ATmega32U2 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 314 page
background image
18
7799B–AVR–07/09
ATmega8U2/16U2/32U2
The 32 general purpose working registers, 64 I/O registers, and the 512/512/1024bytes of inter-
nal data SRAM in the ATmega8U2/16U2/32U2 are all accessible through all these addressing
modes. The Register File is described in “General Purpose Register File” on page 10.
Figure 7-2.
Data Memory Map
7.2.1
Data Memory Access Times
This section describes the general access timing concepts for internal memory access. The
internal data SRAM access is performed in two clk
CPU cycles as described in Figure 7-3.
Figure 7-3.
On-chip Data SRAM Access Cycles
7.3
EEPROM Data Memory
The ATmega8U2/16U2/32U2 contains 512/512/1024 bytes of data EEPROM memory. It is orga-
nized as a separate data space, in which single bytes can be read and written. The EEPROM
has an endurance of at least 100,000 write/erase cycles. The access between the EEPROM and
the CPU is described in the following, specifying the EEPROM Address Registers, the EEPROM
Data Register, and the EEPROM Control Register.
32 R
egisters
64 I/O
R
egisters
I
nternal S RAM
(256/512/1024
x 8)
$0000 - $001F
$0020 - $005F
$2FF/$2FF/$4FF (8U2/16U2/32U2)
$0060 - $00FF
D
ata Memory
160 E
xt I/O
R
eg.
$0100
clk
WR
RD
Data
Data
Address
Address valid
T1
T2
T3
Compute Address
CPU
Memory Access Instruction
Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com