Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 24Page - ATMEL Corporation ATmega32U2 Datasheet HTML 25Page - ATMEL Corporation ATmega32U2 Datasheet HTML 26Page - ATMEL Corporation ATmega32U2 Datasheet HTML 27Page - ATMEL Corporation ATmega32U2 Datasheet HTML 28Page - ATMEL Corporation ATmega32U2 Datasheet HTML 29Page - ATMEL Corporation ATmega32U2 Datasheet HTML 30Page - ATMEL Corporation ATmega32U2 Datasheet HTML 31Page - ATMEL Corporation ATmega32U2 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 314 page
background image
28
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Figure 8-3.
Example of clock switching with wake-up from Device
8.2.2
Clock switch Algorythm
8.2.2.1
Swith from external clock to RC clock
if (Usb_suspend_detected())
// if (UDINT.SUSPI == 1)
{
Usb_ack_suspend();
// UDINT.SUSPI = 0;
Usb_freeze_clock();
// USBCON.FRZCLK = 1;
Disable_pll();
// PLLCSR.PLLE = 0;
Enable_RC_clock();
// CLKSEL0.RCE = 1;
while (!RC_clock_ready());
// while (CLKSTA.RCON != 1);
Select_RC_clock();
// CLKSEL0.CLKS = 0;
Disable_external_clock();
// CLKSEL0.EXTE = 0;
}
8.2.2.2
Switch from RC clock to external clock
if (Usb_wake_up_detected())
// if (UDINT.WAKEUPI == 1)
{
Usb_ack_wake_up();
// UDINT.WAKEUPI = 0;
Enable_external_clock();
// CKSEL0.EXTE = 1;
while (!External_clock_ready()); // while (CLKSTA.EXTON != 1);
Select_external_clock();
// CLKSEL0.CLKS = 1;
Enable_pll();
// PLLCSR.PLLE = 1;
Disable_RC_clock();
// CLKSEL0.RCE = 0;
while (!Pll_ready());
// while (PLLCSR.PLOCK != 1);
Usb_unfreeze_clock();
// USBCON.FRZCLK = 0;
}
USB
CPU Clock
External
Oscillator
RC oscillator
Ext
RC
Ext
non-Idle
Idle
(Suspend)
non-Idle
3ms
upstream-resume
2
2 Upstream Resume from device
Watchdog wake-up
from power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com