Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 225 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 225 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 221Page - ATMEL Corporation ATmega32U2 Datasheet HTML 222Page - ATMEL Corporation ATmega32U2 Datasheet HTML 223Page - ATMEL Corporation ATmega32U2 Datasheet HTML 224Page - ATMEL Corporation ATmega32U2 Datasheet HTML 225Page - ATMEL Corporation ATmega32U2 Datasheet HTML 226Page - ATMEL Corporation ATmega32U2 Datasheet HTML 227Page - ATMEL Corporation ATmega32U2 Datasheet HTML 228Page - ATMEL Corporation ATmega32U2 Datasheet HTML 229Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 314 page
background image
225
7799B–AVR–07/09
ATmega8U2/16U2/32U2
When changing the ACIS1/ACIS0 bits, the Analog Comparator Interrupt must be disabled by
clearing its Interrupt Enable bit in the ACSR Register. Otherwise an interrupt can occur when the
bits are changed.
22.2.2
ACMUX – Analog Comparator Input Multiplexer
• Bit 2, 0 – CMUX2:0: Analog Comparator Selection Bits
The value of these bits selects which combination of analog inputs are connected to the analog
comparator.
The different settings are shown in Table 22-2.
22.2.3
DIDR1 – Digital Input Disable Register 1
• Bit 1, 0 – AIN1D, AIN0D: AIN1, AIN0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the AINx pin is disabled. The corre-
sponding PIN Register bit will always read as zero when this bit is set. When an analog signal is
applied to the AIN1/0 pin and the digital input from this pin is not needed, this bit should be writ-
ten logic one to reduce power consumption in the digital input buffer.
Table 22-1.
ACIS1/ACIS0 Settings
ACIS1
ACIS0
Interrupt Mode
0
0
Comparator Interrupt on Output Toggle.
01
Reserved
1
0
Comparator Interrupt on Falling Output Edge.
1
1
Comparator Interrupt on Rising Output Edge.
Bit
76543210
(0x7D)
–
–
–
–
–
CMUX2
CMUX1
CMUX0
ACMUX
Read/Write
RRRRR
R/W
R/W
R/W
Initial Value
00000000
Table 22-2.
CMUX2:0 Settings
CMUX2
CMUX1
CMUX0
Comparator Input
000
AIN1
001
AIN2
010
AIN3
011
AIN4
100
AIN5
101
AIN6
110
Reserved
111
Reserved
Bit
76543210
–
AIN6D
AIN5D
AIN4D
AIN3D
AIN2D
AIN1D
AIN0D
DIDR1
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com