Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33904/5
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
LIN 1 AND LIN 2 PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR NORMAL SLEW RATE - 20.0 KBIT/SEC ACCORDING TO LIN
PHYSICAL LAYER SPECIFICATION
Bus load RBUS and CBUS 1.0 nF / 1.0 kΩ, 6.8 nF / 660 Ω, 10 nF / 500 Ω. See Figure 13, page 25.
Duty Cycle 1:
THREC(max) = 0.744 * VSUP
THDOM(max) = 0.581 * VSUP
D1 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 50 µs, 7.0 V ≤ VSUP ≤ 18 V
D1
0.396
-
-
Duty Cycle 2:
THREC(MIN) = 0.422 * VSUP
THDOM(MIN) = 0.284 * VSUP
D2 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 50 µs, 7.6 V ≤ VSUP ≤ 18 V
D2
-
-
0.581
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR SLOW SLEW RATE - 10.4 KBIT/SEC ACCORDING TO LIN PHYSICAL LAYER
SPECIFICATION
Bus load RBUS and CBUS 1.0 nF / 1.0 kΩ, 6.8 nF / 660 Ω, 10 nF / 500 Ω. Measurement thresholds. See Figure 14, page 26.
Duty Cycle 3:
THREC(MAX) = 0.778 * VSUP
THDOM(MAX) = 0.616 * VSUP
D3 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 96 µs, 7.0 V ≤ VSUP ≤ 18 V
D3
0.417
-
-
Duty Cycle 4:
THREC(MIN) = 0.389 * VSUP
THDOM(MIN) = 0.251 * VSUP
D4 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 96 µs, 7.6 V ≤ VSUP ≤ 18 V
D4
-
-
0.590
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR FAST SLEW RATE
LIN Fast Slew Rate (Programming Mode)
SRFAST
-
20
-
V/
μs
LIN PHYSICAL LAYER: CHARACTERISTICS AND WAKE-UP TIMINGS
VSUP from 7.0 to 18 V, bus load RBUS and CBUS 1.0 nF / 1.0 kΩ, 6.8 nF / 660 Ω, 10 nF / 500 Ω. See Figure 13, page 25.
Propagation Delay and Symmetry (See Figure 13, page 25 and Figure 14,
page 26)
Propagation Delay of Receiver, tREC_PD=MAX (tREC_PDR, tREC_PDF)
Symmetry of Receiver Propagation Delay, tREC_PDF - tREC_PDR
tREC_PD
tREC_SYM
-
-2.0
4.2
-
6.0
2.0
μs
Bus Wake-Up Deglitcher (Low Power VDD OFF and Low Power VDD ON
Modes)
(See Figure 15, page 25 for Low Power VDD OFF Mode and Figure 16,
page 26 for Low Power Mode)
tPROPWL
42
70
95
μs
Bus Wake-up Event Reported
From Low Power VDD OFF Mode
From Low Power VDD ON Mode
tWAKE_LPVDD
OFF
tWAKE_LPVDD
ON
-
1.0
-
-
1500
12
μs
TXD Permanent Dominant State Delay (guaranteed by design)
tTXDDOM
0.65
1.0
1.35
s
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 27 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com