Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33904/5
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL BLOCK OPERATION VERSUS MODE
FUNCTIONAL BLOCK OPERATION VERSUS MODE
The 5V-CAN default is ON when the device is powered-up and set in Debug Mode. It is fully controllable via the SPI command.
ILLUSTRATION OF DEVICE MODE TRANSITIONS.
Figure 19. Power Up Normal and Low Power Modes
Table 6. Device Block Operation for Each State
State
VDD
5V-CAN
I/Ox / WU
VAUX
CAN
LIN1/2
Power down
OFF
OFF
OFF
OFF
High-impedance
High-impedance
Init Reset
ON
OFF
HS/LS off
Wake up disable
OFF
OFF:
CAN termination 25k to gnd
Transmitter / receiver /wake-up
OFF
OFF:
internal 30k pull up active.
Transmitter: receiver /
wake up OFF.
LIN term OFF
INIT
ON
OFF
SPI config
WU disable
OFF
OFF
OFF
Reset
ON
Keep SPI config
HS/LS off
WU disable
OFF
OFF
OFF
Normal Request
ON
Keep SPI config
HS/LS off
WU disable
OFF
OFF
OFF
Normal
ON
SPI config
SPI config
WU SPI config
SPI config
SPI config
SPI config
Low power VDD OFF
OFF
OFF
user defined
WU SPI config
OFF
OFF + wake-up en/dis
OFF + wake-up en/dis
Low power VDD ON
ON(21)
OFF
user defined
WU SPI config
OFF
OFF + wake-up en/dis
OFF + wake-up en/dis
SAFE output low:
Safe case A
safe case
A:ON
safe case B:
OFF
A: Keep SPI
config, B: OFF
HS/LS off
wake-up by change
state
OFF
OFF + wake-up enable
OFF + wake-up enable
FLASH
ON
SPI config
SPI config
SPI config
SPI config
OFF
Notes
21.
With limited current capability
22.
5V-CAN is ON in Debug mode.
VSUP
VDD
RST
INT
SPI
MODE
Vdd-uv (4.5V typ)
RESET
INIT
Series of SPI
Single SPI
NORMAL
BATFAIL
5V-CAN
>4V
VAUX
A
Power up to Normal Mode
B
s_11: write INT registers
s_1: go to Normal Mode
Vdd-uv
NORMAL
LP VDD Off
C
s_2: go to Low Power VDD OFF Mode
s_12: Low Power Mode configuration
B
Normal to Low Power
VSUP
VDD
RST
INT
SPI
5V-CAN
VAUX
legend:
NORMAL
LP VDD On
D
B
Normal to Low Power
VSUP
VDD
RST
INT
SPI
5V-CAN
VAUX
s_13: Low Power Mode configuration
s_3: go to Low Power Mode
VDD OFF Mode
VDD ON Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com