Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 76Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 77Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 78Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 79Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 80Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
Analog Integrated Circuit Device Data
80
Freescale Semiconductor
33904/5
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 36. 33905D Typical Application Schematic
CS
SCLK
MOSI
INT
5V-CAN
MISO
RXD
TXD
GND
RST
VDD
VSUP2
I/O-1
CANL
CANH
SPLIT
I/O-0
VE
MCU
VBAT
Q1
D1
Safe Circuitry
VBAT
CAN BUS
VBAUX
VAUX
SAFE
MUX
A/D
SPI
CAN
VSENSE
VSUP1
Q2
VCAUX
VSUP
VSUP
VSUP
VSUP
VDD
INT
RST
RF module
Switch Detection Interface
CAN xcvr
Safing Micro Controller
5.0 V (3.3 V)
DBG
VB
eSwitch
RXDL1
TXDL1
LIN1
RXDL2
TXDL2
LIN2
1k
22k
100nF
100nF
100nF
22uF
>1uF
>4.7uF
>2.2uF
4.7nF
<10k
4.7k *
60
60
* = Optional
*
Notes
26.
Cap > 10uF required to pass EMC requirement according to
“OEM_HW_Requirement-For CAN_LIN_FR-interface_V10_20081210” or newer
(26)
LIN1
LIN TERM1
LIN BUS 1
1.0 k
1.0 k
VSUP1/2
option 1
option 2
LIN2
LIN TERM2
LIN BUS 1
1.0 k
1.0 k
VSUP1/2
option 1
option 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com