Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33904/5
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS(2)
Supply Voltage at VSUP1and VSUP2
Normal Operation (DC)
Transient Conditions (Load Dump)
VSUP1/2
VSUP1/2TR
-0.3 to 27
-0.3 to 40
V
DC voltage on LIN, LIN1 and LIN2
Normal Operation (DC)
Transient Conditions (Load Dump)
VBUSLIN
VBUSLINTR
-27 to 27
-27 to 40
V
DC voltage on CANL, CANH, SPLIT
Normal Operation (DC)
Transient Conditions (Load Dump)
VBUS
VBUSTR
-32 to 27
-32 to 40
V
DC Voltage at SAFE
Normal Operation (DC)
Transient Conditions (Load Dump)
VSAFE
VSAFETR
-0.3 to 27
-0.3 to 40
V
DC Voltage at I/O-0, I/O-1, I/O-2, I/O-3 (LIN-Terminal Pins)
Normal Operation (DC)
Transient Conditions (Load Dump)
VI/O
VI/OTR
-0.3 to 27
-0.3 to 40
V
DC voltage on TXDL1 TXDL2, RXDL2, RXDL2
VDIGLIN
-0.3 to
VDD +0.3
V
DC voltage on TXD, RXD
VDIG
-0.3 to
VDD +0.3
V
DC Voltage at INT
VINT
-0.3 to 10
V
DC Voltage at RST
VRST
-0.3 to
VDD +0.3
V
DC Voltage at MOSI, MSIO, SCLK and CS
VRST
-0.3 to
VDD +0.3
V
DC Voltage at MUXOUT
VMUX
-0.3 to
VDD +0.3
V
DC Voltage at DBG
VDBG
-0.3 to 10
V
Continuous current on CANH and CANL
ILH
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com