Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33904/5
FAIL SAFE OPERATION
BEHAVIOR AT POWER UP AND POWER DOWN
.
Figure 24. Safe Operation Flow Chart
Conditions to set SAFE pin active low:
Watchdog refresh issue: SAFE activated at 1st reset pulse
or at the second consecutive reset pulse (selected by bit 4,
INIT W/D register).
Vdd low: Vdd < RST-TH. SAFE pin is set low at same time
as Reset pin is set low.
The RESET pin is monitored to verify that reset is not
clamped to a low level preventing the MCU to operate. If this
is the case, the Safe Mode is entered.
W/D failure
Vdd low:
Rst s/c gnd:
- SAFE low
8 consecutive W/D failure (5)
State A: Rdbg<6k AND
- SAFE low
- Reset: 1ms
- Vdd ON
- Reset low
INIT,
b) ECU external signal
State B1: Rdbg=15k AND
State B3:
State B2:
- SAFE low
- Reset low
- Vdd OFF
a) Evaluation of
Bus idle time out expired
Normal, FLASH
VDD<VDD_UVTH
Rst <2.5V, t>100ms
Device state:
RESET
NR
bit 4, INIT W/D = 1 (1)
detection of 2nd
consecutive W/D failure
SAFE low
SAFE high
SAFE low
Reset: 1ms pulse
bit 4, INIT W/D = 0 (1)
Reset: 1ms pulse
Normal Request
power up, or SPI
at DBG pin during
RESET
SAFE pin release
failure recovery, SAFE pin remains low
SPI (3)
AND Bus idle time out expired
RESET
Wake up (2), Vdd ON, SAFE pin remains low
register content
(SAFE high)
Failure events
1) bit 4 of INIT Watchdog register
2) Wake up event: CAN, LIN or I/O-1 high level (if I/O-1 wake up previously enabled)
3) SPI commands: 0xDD00 or 0xDD80 to release SAFE pin
4) Recovery: reset low condition released, Vdd low condition released, correct SPI W/D refresh
5) detection of 8 consecutive W/D failures: no correct SPI W/D refresh command occurred for duration of 8 x 256ms.
6) Dynamic behavior: 1ms reset pulse every 256ms, due to no W/D refresh SPI command, and device state transition
Legend:
Rdbg=33k AND I/O-1 low
Rdbg=47k AND I/O-1 low
- Vdd ON
(6)
- SAFE low
- Vdd ON
- Reset low
periodic pulse
State A: Rdbg<6k AND
W/D failure
(Vdd low or Rst s/c gnd) failure
Resistor detected
between RESET and NORMAL REQUEST mode, or INIT RESET and INIT modes.
- bus idle time out
- I/O-1 monitoring
monitoring (7):
7) 8 second timer for bus idle time out. I/O-1 high to low transition.
SAFE operation flow chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com