Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 79Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 80Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
83
33904/5
TYPICAL APPLICATIONS
The following figure illustrates the application case
where 2 reverse battery diodes can be used for optimization
of the filtering and buffering capacitor at the VDD pin. This
allows using a minimum value capacitor at the VDD pin to
guarantee reset free operation of the MCU during the
cranking pulse, and temporary (50 ms) loss of the VBAT
supply.
Applications without an external ballast on VDD and
without using the VAUX regulator are illustrated as well.
Figure 39. Application Options
ex2: Split VSUP Supply
ex 4: No External Transistor - No VAUX
ex 3: No External Transistor, VDD ~100 mA Capability
ex1: Single VSUP Supply
Optimized solution for cranking pulses.
C1 is sized for MCU power supply buffer only.
VDD
VSUP2
VE
VB
VBAT
Q1
D1
VBAUX
VAUX
5 V/3.3 V
VSUP1
Q2
Partial View
VDD
VE
VB
VBAT
D1
VBAUX
VDD
VE
VB
VBAT
D1
VDD
VE
VB
VBAT
Q1
D2
VSUP2
VSUP1
VSUP2
VSUP1
VSUP2
VSUP1
D1
C1
C2
VCAUX
Q2
VAUX
VCAUX
Q2
VBAUX
VAUX
VCAUX
VBAUX
VAUX
VCAUX
Partial View
Partial View
Partial View
5V/3.3 V
5 V/3.3 V
delivered by internal path transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com