Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33904/5
PIN CONNECTIONS
6
3
3
LIN-T2
or
I/O-3
Output
or
Input/Output
LIN Termination
2
or
Input/Output 3
33905D, Output pin for the LIN2 master node termination
resistor.
or
33904A/33905S, Configurable pin as an input or high side
output, for connection to external circuitry (switched or small
load). The input can be used as a programmable wake-up
input in Low Power mode. When used as a high side, no over-
temperature protection is implemented. A basic short to GND
protection function, based on switch drain-source over-
voltage detection, is available.
7
4
4
LIN-T1
or
LIN-T
I/O-2
Output
or
Input/Output
LIN Termination
1
or
Input/Output 2
I/O-2
33905D, Output pin for the LIN1 master node termination
resistor.
or
33905S, 33905D, Configurable pin as an input or high side
output, for connection to external circuitry (switched or small
load). The input can be used as a programmable wake-up
input in Low Power mode. When used as a high side, no over-
temperature protection is implemented. A basic short to GND
protection function, based on switch drain-source over-
voltage detection, is available.
33904, Configurable terminal as input or high side output, for
connection to external circuitry (switched or small load). Input
can be used as a programmable wake-up input from Low
Power Mode. When used as high side, no over-temperature
protection is implemented. A basic short to GND protection
function based on switch drain-source over-voltage detection
is available.
8
5
5
SAFE
Output
Safe Output
(Active LOW)
Output of the safe circuitry. The pin is asserted LOW in case
of a safe condition is detected (e.g.: software watchdog is not
triggered, VDD low, issue on reset pin etc.). Open drain
structure.
9
6
6
5 V-CAN
Output
5V-CAN
Output voltage for the embedded CAN interface. A capacitor
must be connected to this pin.
10
7
7
CANH
Output
CAN High
CAN high output.
11
8
8
CANL
Output
CAN Low
CAN low output.
12
9
9
GND-CAN
Ground
GND-CAN
Power GND of the embedded CAN interface
13
10
10
SPLIT
Output
SPLIT Output
Output pin for connection to the middle point of the split CAN
termination
14
11
11
VBAUX
Output
VB Auxiliary
Output pin for external path PNP transistor base
15
12
12
VCAUX
Output
VCOLLECTOR
Auxiliary
Output pin for external path PNP transistor collector
16
13
13
VAUX
Output
VOUT Auxiliary
Output pin for the auxiliary voltage.
17
14
14
MUX-OUT
Output
Multiplex Output
Multiplexed output to be connected to an MCU A/D input.
Selection of the analog parameter available at MUX-OUT is
done via the SPI. A switchable internal pull-down resistor is
integrated for VDD current sense measurements.
Table 2. 33904/5 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 28.
Pin #
33905D
Pin #
33905S
Pin #
33904A
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com