Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33904/5
PIN CONNECTIONS
48
29
29
TXD
Input
Transmit Data
CAN bus transmit data input. Internal pull-up to VDD
49
30
30
RXD
Output
Receive Data
CAN bus receive data output
50
31
31
VE
Voltage Emitter
Connection to the external PNP path transistor. This is an
intermediate current supply source for the VDD regulator
51
32
32
VB
Output
Voltage Base
Base output pin for connection to the external PNP pass
transistor
EX PAD EX PAD EX PAD
GND
Ground
Ground
Ground
Table 2. 33904/5 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 28.
Pin #
33905D
Pin #
33905S
Pin #
33904A
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com