Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
Analog Integrated Circuit Device Data
52
Freescale Semiconductor
33904/5
CAN INTERFACE
CAN BUS FAULT DIAGNOSTIC
TXD TO RXD SHORT CIRCUIT:
Principle
In case TXD is shorted to RXD during incoming dominant
information, RXD is set low. Consequently, the TXD pin is low
and drives CANH and CANL into a dominant state. Thus the
bus is stuck in dominant. No further communication is
possible.
Detection and Recovery
The TXD permanent dominant timeout will be activated and
release the CANL and CANH drivers. However, at the next
incoming dominant bit, the bus will then be stuck in dominant
again. The recovery condition is same as the TXD dominant
failure
IMPORTANT INFORMATION FOR BUS DRIVER
REACTIVATION
The driver stays disabled until the failure is/are removed
(Tx and/or RX is no longer permanent dominant or recessive
state or shorted) and the failure flags cleared (read). The CAN
driver must be set by SPI in TxRx mode in order to re enable
the CAN bus driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com