Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33904/5
FUNCTIONAL DEVICE OPERATION
MODE AND STATE DESCRIPTION
FUNCTIONAL DEVICE OPERATION
MODE AND STATE DESCRIPTION
The device has several operation modes. The transitions
and conditions to enter or leave each modes are illustrated in
the state diagram.
INIT RESET
This mode is automatically entered after device “power
on”. In this mode, the RSTb pin is asserted low, for a duration
of typ 1ms. Control bits and flags are “set” to their default
reset condition. The BATFAIL is set to indicated that the
device is coming from an unpowered condition, and that all
previous device configuration are lost and “reset” the default
value. The duration of the INIT reset is typ 1ms.
INIT reset mode is also entered from INIT mode in case
the expected SPI command does not occur in due time (ref.
INIT mode), and if device is not in debug mode.
INIT
This mode is automatically entered from “INIT reset”
mode. In this mode, the device must be configured via SPI
within a time of 256ms max.
Four registers called INIT Wdog, INIT REG, INIT LIN I/O
and INIT MISC must be and can only be configured during
INIT mode.
Other registers can be written in this mode, however they
can be also written in other modes.
Once the INIT registers configuration is done, a SPI
Watchdog Refresh command must be send in order to set the
device into Normal mode. If the SPI W/D refresh does not
occur within the 256ms period, the device will return into INIT
reset mode for typ 1ms, and then re enter into INIT mode.
Register read operation is allowed in INIT mode to collect
device status or to read back the INIT register configuration
When INIT mode is left by a SPI W/D refresh command, it
is only possible to re enter the INIT mode using a secured SPI
command.
RESET
In this mode, the RSTb pin is asserted low. Reset mode is
entered from Normal mode, Normal Request mode, LP VDD
on mode and from Flash mode, when the W/D is not
triggered, or if a VDD low condition is detected.
The duration of reset is typ 1ms by default. The user can
defined a longer Reset pulse activation only for the case the
reset mode is entered following a VDD low condition. Reset
pulse is always 1ms, in case Reset mode in entered due to
wrong W/D refresh command.
Reset mode can be entered via secured SPI command.
NORMAL REQUEST
This mode is automatically entered after RESET mode, or
after a wake up from Low Power VDD ON Mode.
A W/D refresh SPI command is necessary to transition to
NORMAL mode. The duration of the Normal request mode is
256ms when Normal Request mode is entered after RESET
mode. Different duration can be selected by SPI for the case
when normal request is entered from LP VDD ON mode.
If the W/D refresh SPI command does not occur within the
256ms (or the shorter user defined time out), then the device
will enter into RESET mode, for a duration of typ 1ms.
note: in init reset, init, reset and normal request modes as
well as in low power modes, the VDD external PNP is
disabled.
NORMAL
In this mode, all device functions are available. This mode
is entered by a SPI W/D refresh command from Normal
Request mode, or from INIT mode.
During Normal mode, the device Watchdog function is
operating, and a periodic W/D refresh must occurs. In case of
incorrect or missing W/D refresh command device will enter
into Reset mode.
From Normal mode, the device can be set by SPI
command into Low Power modes (Low Power VDD ON or
Low Power VDD OFF Modes). Dedicated secured SPI
commands must be used to enter from Normal mode in
RESET mode, INIT mode or FLASH mode.
FLASH
In this mode, the software watchdog period is extended up
to typ 32 seconds. This allow programming of the MCU flash
memory while minimizing the software over head to refresh
the W/D. The flash mode is entered by Secured SPI
command and is left by SPI command. Device will enter into
RESET mode. In case of incorrect or missing W/D refresh
command device will enter into Reset mode. An INT can be
generated at 50% of the W/D period.
CAN interface operates in Flash mode to allow flash via
CAN bus, inside the vehicle.
DEBUG
Debug is a special operation mode of the device which
allows system easy software and hardware debugging. The
debug operation is detected after power up if the DBG pin is
set in the 8.0-10V range.
When debug is detected, all the software watchdog
operations are disabled: 256ms of INIT mode, W/D refresh of
Normal mode and Flash mode, Normal Request time out
(256ms or user defined value) are not operating and will not
lead to transition into INIT reset or Reset mode.
When device is in Debug, SPI command can be send
without any time constraints with respect to W/D operation,
MCU program can be “halted” or “paused” to verify proper
operation.
Debug can be left by removing 8-10V from debug pin, or
by SPI command (ref to MODE register).
5V-CAN regulator is ON by default in debug mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com