Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
33904/5
LIN BLOCK
LIN INTERFACE DESCRIPTION
LIN BLOCK
LIN INTERFACE DESCRIPTION
The physical interface is dedicated to automotive LIN sub-
bus applications.
The interface has 20kbps and 10kbps baud rates, and
includes as well as a fast baud rate for test and programming
modes. It has excellent ESD robustness and immunity
against disturbance, and radiated emission performance. It
has safe behavior in case of a LIN bus short-to-ground, or a
LIN bus leakage during low power mode.
Digital inputs are related to device Vdd terminal.
POWER SUPPLY PIN (VSUP)
The VSUP-2 terminal is the supply pin for the LIN
interface. To avoid a false bus message, an under-voltage on
VSUP disables the transmission path (from TXD to LIN) when
VSUP falls below 6.1 V.
GROUND PIN (GND)
In case of a ground disconnection at the module level, the
LIN interface do not have significant current consumption on
the LIN bus pin when in the recessive state.
LIN BUS PIN (LIN1, LIN2)
The LIN terminal represents the single-wire bus
transmitter and receiver. It is suited for automotive bus
systems, and is compliant to the LIN bus specification 2.1 and
SAEJ2602-2.
The LIN interface is only active during Normal mode.
Driver Characteristics
The LIN driver is a low side MOSFET with internal over-
current thermal shutdown. An internal pull-up resistor with a
serial diode structure is integrated so no external pull-up
components are required for the application in a slave node.
An additional pull-up resistor of 1.0 k
Ω must be added when
the device is used in the master node. The 1.0 k
Ω pull resistor
can connected to LIN term or to ECU battery supply.
The LIN pin exhibits no reverse current from the LIN bus
line to VSUP, even in the event of a GND shift or VSUP
disconnection.
The transmitter has a 20 kbps, 10 kbps and fast baud rate,
which are selected by SPI.
Receiver Characteristics
The receiver thresholds are ratiometric with the device
Vsup2 voltage.
If the Vsup2 voltage goes below typ 6.1V, the LIN bus
enters into a recessive state even if communication is sent on
TXD.
If LIN driver temperature reached over temperature
threshold, the transceiver and receiver are disabled. When
the temperature falls below the over temperature threshold,
LIN driver and receiver will be automatically enabled.
DATA INPUT PIN (TXDL1, TXDL2)
The TXDl1 (TXDL2) input pin is the MCU interface to
control the state of the LIN output. When TXDL is LOW
(dominant), LIN output is LOW. When TXDL is HIGH
(recessive), the LIN output transistor is turned OFF.
This pin has an internal pull-up current source to Vdd to
force the recessive state if the input pin is left floating.
If the pin stays low (dominant sate) more than tTXDDOM, the
LIN transmitter goes automatically in recessive state. This is
reported by flag in LIN register.
DATA OUTPUT PIN (RXDL1, RXDL2)
The RXDl output pin is the MCU interface, which reports
the state of the LIN bus voltage.
LIN HIGH (recessive) is reported by a high voltage on
RXD, LIN LOW (dominant) is reported by a low voltage on
RXD.
LIN OPERATIONAL MODES
The LIN interface have two operational modes, Transmit
receiver and LIN disable modes.
TRANSMIT RECEIVE
In the TxRx mode, the LIN bus can transmit and receive
information.
When the 20kbps baud rate is selected, the slew rate and
timing are compatible with LIN protocol specification 2.1.
When the 10kbps baud rate is selected, the slew rate and
timing are compatible with J2602-2.
When the fast baud rate is selected, the slew rate and
timing are much faster than the above specification and allow
fast data transition.
SLEEP MODE
This mode is selected by SPI, and the transmission path is
disabled. Supply current for LIN block from VSUP2 is very low
(typ 3uA). LIN bus is monitor to detect wake-up event. In the
Sleep Mode, the internal 725 kOhm pull-up resistor is
connected and the 30 kOhm disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com