Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
33904/5
FAIL SAFE OPERATION
BEHAVIOR AT POWER UP AND POWER DOWN
SAFE mode B1, B2 and B3 illustration:
The figure below illustrates the event, and consequences when SAFE Mode B1, B2 or B3 is selected via the appropriate debug
resistor or SPI configuration.
Figure 26. SAFE Modes B1, B2 or B3 Behavior Illustration
DBG resistor => safe state B1
Vdd
RSTb
SAFE
CAN bus
CAN bus idle time
I/O-1
I/O-1 high to low transition
DBG resistor => safe state B2
DBG resistor => safe state B3
CAN bus
CAN bus idle time
I/O-1
I/O-1 high to low transition
step 2:
RSTb
Vdd
failure event, i.e W/D
SAFE
OFF state ON state
8 x 256ms delay time to enter in SAFE mode
to evaluate resistor at DBG pin
and monitor ECU external events
1st
8th
2nd
step 1: Failure illustration
RSTb
Vdd
failure event, Vdd low
SAFE
OFF state ON state
100ms delay time to enter in SAFE mode
to evaluate resistor at DBG pin
and monitor ECU external events
Vdd_UV th
100ms
gnd
RSTb
Vdd
failure event, Reset s/c gnd
SAFE
OFF state
ON state
100ms deglitcher time to activate SAFE and
enter in SAFE mode to evaluate resistor at DBG pin
and monitor ECU external events
2.5V
100ms
Vdd
RSTb
SAFE
Vdd OFF
RSTb
SAFE
Vdd
If Vdd failure recovered
Vdd < Vdd_UVth
Vdd OFF
gnd
step 3: Consequences for Vdd
If Reset s/c gnd recovered
Behavior illustration for safe state B (Rdg > 10kOhms)
ECU external event to
Rdbg resistor or
disable Vdd based on
SPI configuration
Exclusive detection of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com