Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33904/5
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Figure 17. Analog Multiplexer Block Diagram
DGB (DGB) AND DEBUG MODE
The DBG pin has 2 functions:
Primary function:
It is an output used to set the device in Debug Mode. This
is achieved by applying a voltage between 8V and 10V, at the
debug terminal, and then powering up the device (ref to state
diagram). When device leaves the INIT reset mode and enter
in INIT mode, device detects that voltage at debug terminal is
within the 8-10V range, and activate the debug mode.
When debug mode is detected, no watchdog SPI refresh
commands is necessary. This allow easy debug of the
hardware and software routines (i.e SPI commands).
Device is in debug mode is reported by SPI flag. While in
de bug mode, when voltage at DBG terminal falls below the
8-10V range, the debug mode is left, and device start W/D
operation, and expect proper W/D refresh.Debug mode can
be left by SPI. Such command is recommended to avoid
staying in debug mode in case of unwanted debug mode
selection (pin FMEA). SPI command to leave debug has
higher priority than providing 8-10V at debug pin.
Secondary function:
The resistor connected between DBG pin and gnd selects
the Fail Safe Mode operation. DBG pin can also be
connected directly to gnd (this prevent usage of debug
mode).
Flexibility is provided to the user to select SAFE output
operation via a resistor at the DBG pin or via SPI command.
The SPI command has higher priority than the hardware
selection via Debug resistor.
When the Debug mode is selected, the SAFE modes can
not be configured via the resistor connected at DBG pin.
SAFE
Safe output terminal
This pin is an output which is asserted low in case a fault
event occurs. The objective is to drive electrical safe circuitry
and set the ECU in a know sate independent of the MCU and
SBC, once a failure has been detected.
The SAFE output structure is an open drain, without a pull-
up. No current flow is allowed when SAFE is forced externally
to a high-voltage (< 40V).
INTERRUPT (INT)
The INT output is asserted low or generate a low pulse
when an interrupt condition occurs. The INT condition is
enabled in the INT register. The selection of low level or pulse
as well as pulse duration are selected by SPI.
No current will flow inside the INT structure when VDD is
low, in Low Power VDD OFF Mode. This allows the
connection of an external pull resistor, and connection of an
INT pin from other ICs without extra consumption in
unpowered mode.
D1
VBAT
VSUP_1
S_in
I/O-1
I/O-0
Multiplexer
VDD-I_COPY
RM(*)
(*)Optional
A/D in
MCU
S_iddc
MUX-OUT
S_g3.3
Temp
VSENSE
S_g5
RSENSE 1k
RMI
S_ir
S_in
S_in
S_in
Vref: 2.5V
5V-CAN
5V-CAN
S-i/o_att
S-i/o_att
All swicthes and resistor are configured and controlled via the
SPI.
RM: internal resistor connected when VREG current monitor is
used.
S_g3.3 and S_g5 for 5.0V or 3.3V MCU.
S_iddc to select VDD regulator current copy.
S_in1 for Low Power Mode resistor bridge disconnection.
S_ir to switch on/off of the internal RMI resistor.
buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com