Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 5Page - Pixart Imaging Inc. PAC107 Datasheet HTML 6Page - Pixart Imaging Inc. PAC107 Datasheet HTML 7Page - Pixart Imaging Inc. PAC107 Datasheet HTML 8Page - Pixart Imaging Inc. PAC107 Datasheet HTML 9Page - Pixart Imaging Inc. PAC107 Datasheet HTML 10Page - Pixart Imaging Inc. PAC107 Datasheet HTML 11Page - Pixart Imaging Inc. PAC107 Datasheet HTML 12Page - Pixart Imaging Inc. PAC107 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
3.1. MEMORY ORGANIZATION
In the RISC 52 the memory is organized as three address spaces and the program counter.
The memory spaces shown in memory map.
-
16-bit Program Counter
-
16kB Program Memory address space
-
64kB External Data Memory address space
-
256-byte Internal Data Memory address
The 14-bit Program Counter register provides the RISC 52 with its 16kB addressing
capabilities. The program Counter allows the user to execute calls and branches to any
location within the Program Memory space. There are no instructions that permit program
execution to move from the Program Memory space to any of the data memory spaces.
The 64k-byte External Data Memory address space is automatically accessed when the
MOVX instruction is executed. Note that user can extend the addressable data RAM space
by MUX the general I/O pins in port 1 and 3.
The Internal SRAM address space is 0 to 255 CPU internal usage. Four 8-Register Banks
occupy locations 0 through 31. The stack can be located anywhere in the Internal Data
RAM address space. In addition, 128 bit locations of the on-chip RAM are accessible
through Direct Addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com