Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 42 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 42 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 38Page - Pixart Imaging Inc. PAC107 Datasheet HTML 39Page - Pixart Imaging Inc. PAC107 Datasheet HTML 40Page - Pixart Imaging Inc. PAC107 Datasheet HTML 41Page - Pixart Imaging Inc. PAC107 Datasheet HTML 42Page - Pixart Imaging Inc. PAC107 Datasheet HTML 43Page - Pixart Imaging Inc. PAC107 Datasheet HTML 44Page - Pixart Imaging Inc. PAC107 Datasheet HTML 45Page - Pixart Imaging Inc. PAC107 Datasheet HTML 46Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
42
PixArt Imaging Inc.
E-mail:
fae_service@pixart.com.tw
V1.4, Aug, 2005
RCLK
Bit
TCLCK
Bit
Receiver
Baud Rate Generator
Transmitter
Baud Rate generator
0
0
Timer 1
Timer 1
0
1
Timer 1
Timer 2
1
0
Timer 2
Timer 1
1
1
Timer 2
Timer 2
Note: Timer 2 advanced for every state time (2Tosc) when it is in the baud rate generator
mode. In the baud rate formula that follows, “RCAP2H,RCAP2L” denotes the contents of
RCAP2H and RCAP2L taken as a 16-bit unsigned integer:
NOTE
: When timer 2 is configured as a timer and is in baud rate generator mode, do not
read or write the TH2 or TL2 registers. The timer is being incremented every state time,
and the result of a read or write may not be accurate. In addition, you may read, but not
write to, the RCAP2 registers; a write may overlap a reload and cause write and/or reload
errors.
XTAL1
TR2
T2
0
1
2
C/ T2
Timer 2 in Baud Rate Generator Mode
TL2
(8 Bits)
TH2
(8
Bits)
RCAP2H
RCAP2L
2
0
1
Timer 1
Overflow
SMOD
0
1
TCLCK
Interrup
t
Request
EXF2
EXEN2
T2EX
16
TX
Clock
NOTE:
Oscillator frequency
is divided by 2, not 12.
Note availability of additional external interrupt
0
1
RCLCK
16
RX
Clock
0
1
SMOD1
16
TX1
Clock
16
RX1
Clock
Fosc
32 X [65536 - (RCAP2H,RACAP2L)]
Sreial I/O Mode 1 and 3 Baud Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com