Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 24 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 24 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 20Page - Pixart Imaging Inc. PAC107 Datasheet HTML 21Page - Pixart Imaging Inc. PAC107 Datasheet HTML 22Page - Pixart Imaging Inc. PAC107 Datasheet HTML 23Page - Pixart Imaging Inc. PAC107 Datasheet HTML 24Page - Pixart Imaging Inc. PAC107 Datasheet HTML 25Page - Pixart Imaging Inc. PAC107 Datasheet HTML 26Page - Pixart Imaging Inc. PAC107 Datasheet HTML 27Page - Pixart Imaging Inc. PAC107 Datasheet HTML 28Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
24
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
PixSt (default:8’b01000011)
Address:EEH
bit 7
bit 0
iRAM_EnH
dis_exint
clr_exint
clr_inint
Mode1
Mode0
skip1
skip0
iRAM_EnH: When 1, MOVX will access internal 1KB SRAM
dis_exint: When 1, disable external interrupt
clr_exint: When 1, clear external interrupts, then have to clear to 0
clr_inint: When 1, clear internal interrupts, then have to clear to 0
{Mode1, Mode0}:
{0, 0} = Normal capture mode.
{0, 1} = Compressed capture mode (DPCM).
{1, 0} = Full window display on LCM mode (through P0).
{1, 1} = Hardware windowing display on LCM mode (through P0).
{skip1, skip0}:
{0, 0} = No skip pixel when display on LCM
{0, 1} = Skip 1 pixel when display on LCM
{1, 0} = Skip 2 pixel when display on LCM
{1, 1} = Skip 4 pixel when display on LCM
Cap (default: 8’b00000000)
Address: EFH
bit 7
bit 0
-
-
-
Capture
Cap_no3
Cap_no2
Cap_no1
Cap_no0
Capture: when 1, capture {Cap_no3 : Cap_no0} image through ASIC.
I2C: Sensor command register
Address: EDH
bit 7
bit 0
intp_pd
lcdwrb
SDAo
int4lcd
int4cap
CSB
SCL
SDAi
intp_pd: When 1, disable interrupt block, 0 enable interrupt block.
lcdwrb: Control output pin LCD_WRB.
SDAo: I2C data output of sensor.
int4lcd: During LCD mode, each frame will generate interrupt called int4lcd.
int4cap: When set Capture at Cap register and ASIC finish its capture job. ASIC will
generate interrupt called int4cap.
CSB: When 1, disable sensor, 0 enable sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com