Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 8Page - Pixart Imaging Inc. PAC107 Datasheet HTML 9Page - Pixart Imaging Inc. PAC107 Datasheet HTML 10Page - Pixart Imaging Inc. PAC107 Datasheet HTML 11Page - Pixart Imaging Inc. PAC107 Datasheet HTML 12Page - Pixart Imaging Inc. PAC107 Datasheet HTML 13Page - Pixart Imaging Inc. PAC107 Datasheet HTML 14Page - Pixart Imaging Inc. PAC107 Datasheet HTML 15Page - Pixart Imaging Inc. PAC107 Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
The B Register is used for both a source and destination in MUL and DIV instructions.
Accumulator.
PSW
Address: D0h
bit 7
bit 0
CY
AC
F0
RS1
RS0
OV
F1
PARITY
Program Status Word.
CY: Carry Flag
AC: Auxiliary-Carry Flag
F0:
Flag 0 available to the user for general-purpose.
RS1, RS0: 2-Bit Register Bank Address selector.
RS1 RS0
Register Bank
Address
0
0
0
00h-07h
0
1
1
08h-0Fh
1
0
2
10h-17h
1
1
3
18h-1Fh
OV: Overflow Flag
UD: User-definable Flag, General-purpose flag, available for user.
P:
Parity flag. Set/cleared by hardware each instruction cycle to indicate an odd/even
number of “1” bit in the Acc.
B
Address:F0h
bit 7
bit 0
B.3
B.6
B.4
B.7
B.5
B.2
B.1
B.0
ACC
Address:E0h
bit 7
bit 0
ACC.3
ACC.6
ACC.4
ACC.7
ACC.5
ACC.2
ACC.1
ACC.0
T2CON
Address:C8h
bit 7
bit 0
EXEN2
TR2
EXF2
TCLK
TF2
RCLK
C/T2
CP/RL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com