Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 13Page - Pixart Imaging Inc. PAC107 Datasheet HTML 14Page - Pixart Imaging Inc. PAC107 Datasheet HTML 15Page - Pixart Imaging Inc. PAC107 Datasheet HTML 16Page - Pixart Imaging Inc. PAC107 Datasheet HTML 17Page - Pixart Imaging Inc. PAC107 Datasheet HTML 18Page - Pixart Imaging Inc. PAC107 Datasheet HTML 19Page - Pixart Imaging Inc. PAC107 Datasheet HTML 20Page - Pixart Imaging Inc. PAC107 Datasheet HTML 21Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
17
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
P3: Port 3 of I/O port, P3.2 is modified as an input
Address:0B0H
P2: Port 2 of I/O port.
Address:0A0H
P1: Port 1 of I/O port, P1.7 is modified for dumping sensor data.
Address:090H
P0: Port 0 of I/O port.
Address:080H
TH0: High byte of Timer 0.
Address:08CH
TL0: Low byte of Timer 0.
Address:08AH
TH1: High byte of Timer 1.
Address:08DH
TL1: Low byte of Timer 1.
Address:08BH
TH2: High byte of Timer 2.
Address:0CDH
TL2: Low byte of Timer 2.
Address:0CCH
DPH1: High byte of DPTR1.
Address:085H
DPL1:
Low
byte of DPTR1.
Address:084H
DPH:
High
byte of DPTR.
Address:083H
DPL:
Low
byte of DPTR.
Address:082H
DPS
Address:86H
bit 7
bit 0
⎯
⎯
⎯
⎯
⎯
⎯
⎯
Dps
Data Point Selection bit. DPS=1: DPTR will be selected. DPS=0: DPTR1 will be selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com